Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4355
Description  Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4355 Datasheet HTML 12Page - Linear Technology LTC4355 Datasheet HTML 13Page - Linear Technology LTC4355 Datasheet HTML 14Page - Linear Technology LTC4355 Datasheet HTML 15Page - Linear Technology LTC4355 Datasheet HTML 16Page - Linear Technology LTC4355 Datasheet HTML 17Page - Linear Technology LTC4355 Datasheet HTML 18Page - Linear Technology LTC4355 Datasheet HTML 19Page - Linear Technology LTC4355 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTC4236
16
4236f
For more information www.linear.com/LTC4236
applicaTions inForMaTion
An undervoltage fault occurs if the diode-OR output sup-
ply falls below its undervoltage threshold. If the ON pin
voltage falls below 1.155V but remains above 0.6V, the
Hot Swap MOSFET is turned off by a 2mA pull-down from
HGATE to ground. The Hot Swap MOSFET turns back on
instantly without the debounce cycle when the diode-OR
output supply rises above its undervoltage threshold.
However, if the ON pin voltage drops below 0.6V, it turns
off the Hot Swap MOSFET and clears the fault latch. The
Hot Swap MOSFET turns back on only after a debounce
cycle when the diode-OR output supply is restored above
its undervoltage threshold.
During the undervoltage fault condition, FAULT will not
be pulled low but PWRGD will be pulled high as HGATE
is pulled low. The ideal diode function controlled by the
ideal diode MOSFET is not affected by the undervoltage
(UV) fault condition.
Power Good Monitor
Internal circuitry monitors the MOSFET gate overdrive
between the HGATE and OUT pins. Also, the FB pin that
connects to OUT through a resistive divider is used to
determine a power good condition. The power good
comparator drives high when the FB pin rises above
1.235V, and drives low when FB falls below 1.215V. The
power good status for the input supply is reported via an
open-drain output, PWRGD. It is normally pulled high by
an external pull-up resistor or the internal 10µA pull-up.
The PWRGD pin pulls low when the FB power good com-
parator is high and the HGATE drive exceeds 4.2V. The
PWRGD pin goes high when the HGATE is turned off by
the ON or EN pins, or when the FB power good comparator
drives low, or when INTVCC enters undervoltage lockout.
Current Sense Monitor
The current through the external sense resistor is moni-
tored by LTC4236’s current sense amplifier at the CS+
and SENSE– pins (see Figure  5). The amplifier uses
auto-zeroing circuitry to achieve an offset below 150µV
over temperature, sense voltage and input supply volt-
age. The frequency of the auto-zero clock is 10kHz. An
internal resistor RIN is connected between the amplifier’s
negative input terminal and CS+ pin. The sense amplifier
loop forces the negative input terminal to have the same
potential as SENSE– and that develops a potential across
RIN to be the same as the sense voltage VSENSE. A cor-
responding current, VSENSE/RIN, will flow through RIN.
The high impedance inputs of the sense amplifier will not
conduct this input current, allowing it to flow through an
internalMOSFETtoaresistorROUTconnectedbetweenthe
IMON and GND pins. The IMON output voltage is equal to
(ROUT/RIN) • VSENSE. The resistor ratio ROUT/RIN defines
the voltage gain of the sense amplifier and is set to 100
with RIN = 200Ω and ROUT = 20k. Full scale input sense
voltage to the sense amplifier is 25mV, corresponding to
an output of 2.5V. For input supply voltages greater than
0.1µF
0.1µF
10µF
5V
IMON VOUT
ILOAD
VCC
RIN
200
12V
0.1µF
VSENSE
ROUT
20k
2-WIRE I2C
INTERFACE
LTC4236
4236 F05
HGATE
LOAD
SENSE+
REF+
REF–
SENSE–
GND
GND
REG
SCL
SDA
LTC2451
IN
VOUT = ––––– • VSENSE = 100 • VSENSE
ROUT
RIN
CS+
Figure 5. High Side Current Monitor with LTC2451 ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com