Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4355
Description  Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4355 Datasheet HTML 13Page - Linear Technology LTC4355 Datasheet HTML 14Page - Linear Technology LTC4355 Datasheet HTML 15Page - Linear Technology LTC4355 Datasheet HTML 16Page - Linear Technology LTC4355 Datasheet HTML 17Page - Linear Technology LTC4355 Datasheet HTML 18Page - Linear Technology LTC4355 Datasheet HTML 19Page - Linear Technology LTC4355 Datasheet HTML 20Page - Linear Technology LTC4355 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC4236
17
4236f
For more information www.linear.com/LTC4236
applicaTions inForMaTion
5V, the output clamps at 3.5V if the allowable input sense
voltage range is exceeded.
IMON Output Filtering
A capacitor connected in parallel with ROUT will give a
low pass response. This will reduce unwanted noise at
the output, and may also be useful as a charge reservoir
to keep the output steady while driving a switching circuit
such as an ADC (see Figure  5). This output capacitor
COUT in parallel with ROUT will create a pole in the output
response at:
fC =
1
2• π •ROUT •COUT
REG Pin Bypassing
The LTC4236 has an internally regulated supply near
SENSE+ for internal bias of the current sense amplifier. It
is not intended for use as a supply or bias pin for external
circuitry. A 0.1µF capacitor should be connected between
theREGandSENSE+pins.Thiscapacitorshouldbelocated
very near to the device and close to the REG pin for the
best performance.
REG and IMON Start-Up
The start-up current of the current sense amplifier when
the LTC4236 is powered on consists of two parts: the
first is the current necessary to charge the REG bypass
capacitor,whichisnominally0.1µF.SincetheREGvoltage
charges to approximately 4.1V below the SENSE+ voltage,
this can require a significant amount of start-up current.
The second source is the output current that flows into
ROUT, which upon start-up may temporarily drive the
IMON output high for less than 2ms. This is a temporary
conditionwhichwillceasewhenthesenseamplifiersettles
into normal closed-loop operation.
CPO and DGATE Start-Up
The CPO pin voltage is initially pulled up to a diode below
theIN1orD2SRCpinwhenfirstpoweredup(seeFigure 1).
However, for application with back-to-back MOSFETs in
IN2 power path, CPO2 starts off at 0V since D2SRC is
near ground (see Figure 8). CPO starts ramping up 7µs
after INTVCC clears its undervoltage lockout level. Another
40µs later, DGATE also starts ramping up with CPO. The
CPO ramp rate is determined by the CPO pull-up current
into the combined CPO and DGATE pin capacitances. An
internal clamp limits the CPO pin voltage to 12V above
the IN1 or D2SRC pin, while the final DGATE pin voltage
is determined by the gate drive amplifier. An internal 12V
clamp limits the DGATE1 and DGATE2 pin voltages above
IN1 and D2SRC respectively.
CPO Capacitor Selection
TherecommendedvalueofthecapacitorbetweentheCPO1
and IN1, and CP02 and D2SRC pins is approximately 10×
the input capacitance CISS of the ideal diode MOSFET. A
larger capacitor takes a correspondingly longer time to
chargeupbytheinternalchargepump.Asmallercapacitor
suffers more voltage drop during a fast gate turn-on event
as it shares charge with the MOSFET gate capacitance.
MOSFET Selection
The LTC4236 drives N-channel MOSFETs to conduct the
load current. The important features of the MOSFETs are
on-resistanceRDS(ON),themaximumdrain-sourcevoltage
BVDSS and the threshold voltage.
The gate drive for the ideal diode and Hot Swap MOSFET
is guaranteed to be greater than 5V when the supply
voltages at IN1 and IN2 are between 2.9V and 7V. When
the supply voltages at IN1 and IN2 are greater than 7V,
the gate drive is guaranteed to be greater than 10V. The
gate drive is limited to 14V. An external Zener diode can
be used to clamp the potential from the MOSFET’s gate
to source if the rated breakdown voltage is less than 14V.
The maximum allowable drain-source voltage BVDSS
must be higher than the supply voltage including supply
transients as the full supply voltage can appear across the
MOSFET. If an input or output is connected to ground,
the full supply voltage will appear across the MOSFET.
The RDS(ON) should be small enough to conduct the
maximumloadcurrent,and alsostaywithintheMOSFET’s
power rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com