Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4355
Description  Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4355 Datasheet HTML 5Page - Linear Technology LTC4355 Datasheet HTML 6Page - Linear Technology LTC4355 Datasheet HTML 7Page - Linear Technology LTC4355 Datasheet HTML 8Page - Linear Technology LTC4355 Datasheet HTML 9Page - Linear Technology LTC4355 Datasheet HTML 10Page - Linear Technology LTC4355 Datasheet HTML 11Page - Linear Technology LTC4355 Datasheet HTML 12Page - Linear Technology LTC4355 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC4236
9
4236f
For more information www.linear.com/LTC4236
pin FuncTions
HGATE: Hot Swap MOSFET Gate Drive Output. Connect
this pin to the gate of the external N-channel MOSFET for
HotSwapcontrol.Aninternal10µAcurrentsourcecharges
the MOSFET gate. An internal clamp limits the gate volt-
age to 12V above and a diode voltage below OUT. During
an undervoltage generated turn-off, a 2mA pull-down
discharges HGATE to ground. During an output short or
INTVCC undervoltage lockout, a fast 200mA pull-down
discharges HGATE to OUT.
IN1, IN2: Positive Supply Input and Ideal Diode MOSFET
Gate Drive Return. Connect this pin to the power input
side of the external ideal diode MOSFET. The 5V INTVCC
supply is generated from IN1, IN2 and OUT via an internal
diode-OR. The voltage sensed at this pin is used to control
DGATE. The gate fast pull-down current returns through
IN1 pin when DGATE1 is discharged.
INTVCC: Internal 5V Supply Decoupling Output. This pin
must have a 0.1µF or larger capacitor to GND. An external
load of less than 500µA can be connected at this pin. An
undervoltage lockout threshold of 2.2V will turn off both
MOSFETs.
IMON: Current Sense Monitoring Output. This pin voltage
is proportional to the sense voltage across the current
sense resistor with a voltage gain of 100. An internal 20k
resistor is connected from this pin to ground.
ON: ON Control Input. A rising edge above 1.235V turns
on the external Hot Swap MOSFET and a falling edge below
1.155V turns it off. Connect this pin to an external resistive
divider from SENSE+ to monitor the supply undervoltage
condition. Pulling the ON pin below 0.6V resets the fault
latch after an overcurrent fault. Tie to INTVCC if unused.
OUT: Hot Swap MOSFET Gate Drive Return. Connect this
pin to the output side of the external MOSFET. The gate
fast pull-down current returns through this pin when
HGATE is discharged.
PWRGD: Power Status Output. Output that pulls low when
the FB pin rises above 1.235V and the MOSFET gate drive
between HGATE and OUT exceeds 4.2V. Otherwise it is
pulled high by a 10µA current source to a diode below
INTVCC. It may be pulled above INTVCC using an external
pull-up. Leave open if unused.
REG: Internal Regulated Supply for Current Sense Ampli-
fier. A 0.1µF or larger capacitor should be tied from REG to
SENSE+. This pin is not designed to drive external circuits.
SENSE+: Positive Current Sense Input. Connect this pin
to the diode-OR output of the external ideal diode MOS-
FETs and input of the current sense resistor. The voltage
sensed at this pin is used for monitoring the current limit
and also to control DGATE for forward voltage regulation
and reverse turn-off. This pin has an undervoltage lockout
threshold of 1.9V that will turn off the Hot Swap MOSFET.
SENSE–: Negative Current Sense Input. Connect this pin
to the output of the current sense resistor. The current
limit circuit controls HGATE to limit the voltage between
SENSE+ and SENSE– to 25mV or less depending on the
voltage at the FB pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com