Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4355
Description  Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4355 Datasheet HTML 4Page - Linear Technology LTC4355 Datasheet HTML 5Page - Linear Technology LTC4355 Datasheet HTML 6Page - Linear Technology LTC4355 Datasheet HTML 7Page - Linear Technology LTC4355 Datasheet HTML 8Page - Linear Technology LTC4355 Datasheet HTML 9Page - Linear Technology LTC4355 Datasheet HTML 10Page - Linear Technology LTC4355 Datasheet HTML 11Page - Linear Technology LTC4355 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC4236
8
4236f
For more information www.linear.com/LTC4236
pin FuncTions
CPO1, CPO2: Charge Pump Output. Connect a capacitor
from CPO1 or CPO2 to the corresponding IN1 or D2SRC
pin. The value of this capacitor is approximately 10×
the gate capacitance (CISS) of the external MOSFET for
ideal diode control. The charge stored on this capacitor
is used to pull up the ideal diode MOSFET gate during a
fast turn-on. Leave this pin open if fast ideal diode turn-
on is not needed.
CS+: Positive Current Sense Input for Current Sense Am-
plifier. Connect this pin to the input of the current sense
resistor.ThevoltagebetweenCS+andSENSE–istranslated
to a ground referenced signal at IMON pin.
DGATE1, DGATE2: Ideal Diode MOSFET Gate Drive Out-
put. Connect this pin to the gate of an external N-channel
MOSFET for ideal diode control. An internal clamp limits
the gate voltage to 12V above and a diode voltage below
IN1 or D2SRC. During fast turn-on, a 1.5A pull-up charges
DGATE from CPO. During fast turn-off, a 1.5A pull-down
discharges DGATE1 to IN1 and DGATE2 to D2SRC.
D2OFF: Control Input. A rising edge above 1.235V turns
off the external ideal diode MOSFET in the IN2 supply path
and a falling edge below 1.215V allows the MOSFET to be
turned on. Connect this pin to an external resistive divider
fromIN1tomakeIN1thehigherpriorityinputsupplywhen
IN1 and IN2 are equal.
D2SRC: Ideal Diode MOSFET Gate Drive Return. Connect
this pin to the source of the external N-channel MOSFET
switch in the IN2 power path. The gate fast pull-down cur-
rent returns through this pin when DGATE2 is discharged.
DSTAT1: Diode MOSFET Status Output. Open drain out-
put that pulls low when the MOSFET gate drive voltage
between DGATE1 and IN1 exceeds 0.7V indicating that the
MOSFET diode path is on. Otherwise it goes high imped-
ance. It requires an external pull-up resistor to a positive
supply. Leave open if unused.
DSTAT2: Diode MOSFET Status Output. Open drain out-
put that pulls low when the MOSFET gate drive voltage
between DGATE2 and D2SRC exceeds 0.7V indicating
that the MOSFET diode path is on. Otherwise it goes high
impedance. It requires an external pull-up resistor to a
positive supply. Leave open if unused.
DTMR: Debounce Timer Capacitor Terminal. Connect
this pin to either INTVCC for fixed 100ms delay or an
external capacitor to ground for adjustable start-up delay
(123ms/µF) when EN toggles low.
EN: Enable Input. Ground this pin to enable Hot Swap
control. If this pin is pulled high, the Hot Swap MOSFET
is not allowed to turn on. A 10µA current source pulls this
pin up to a diode below INTVCC. Upon EN going low when
ON is high, there is a start-up delay for debounce as con-
figured at the DTMR pin, after which the fault is cleared.
FAULT: Overcurrent Fault Status Output. Output that pulls
low when the fault timer expires during an overcurrent
fault. Otherwise it is pulled high by a 10µA current source
to a diode below INTVCC. It may be pulled above INTVCC
using an external pull-up. Leave open if unused.
FB: Foldback and Power Good Comparator Input. Connect
this pin to an external resistive divider from OUT. If the
voltage falls below 1.215V, the PWRGD pin pulls high to
indicate the power is bad. If the voltage falls below 0.9V,
the output power is considered bad and the current limit
is reduced. Tie to INTVCC to disable foldback.
FTMR:FaultTimerCapacitorTerminal.Connectacapacitor
between this pin and ground to set a 12ms/µF duration
for current limit before the external Hot Swap MOSFET is
turned off. The duration of the off time is 8s/µF, resulting
in a 0.15% duty cycle.
GND: Device Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com