Electronic Components Datasheet Search
  English  ▼

X  

TLE9202ED Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE9202ED
Description  Dual 6 A H-Bridge With SPI
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9202ED Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE9202ED Datasheet HTML 1Page - Infineon Technologies AG TLE9202ED Datasheet HTML 2Page - Infineon Technologies AG TLE9202ED Datasheet HTML 3Page - Infineon Technologies AG TLE9202ED Datasheet HTML 4Page - Infineon Technologies AG TLE9202ED Datasheet HTML 5Page - Infineon Technologies AG TLE9202ED Datasheet HTML 6Page - Infineon Technologies AG TLE9202ED Datasheet HTML 7Page - Infineon Technologies AG TLE9202ED Datasheet HTML 8Page - Infineon Technologies AG TLE9202ED Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Data Sheet
4
Rev. 1.0
2016-09-29
TLE9202ED
Dual 6 A H-Bridge With SPI
Pin Configuration
17
OUT1_2
Output 1 of H-Bridge 2. Connect to Pin 16
18
GND1)
Ground
19
GND1)
Ground
20
OUT2_2
Output 2 of H-Bridge 2. Connect to Pin 21
21
OUT2_2
Output 2 of H-Bridge 2. Connect to Pin 20
22
VS_2
Supply voltage of H-Bridge 2. Connect to Pin 15
23
SI_2
SPI serial input of H-Bridge 2
24
CSN_2
SPI chip select (low active) of H-bridge 2
25
SCK_2
SPI clock input of H-Bridge 2
26
NC
Not connected
27
DIS_1
Disable. Disables the output (all MOSFETS off) of H-Bridge 1
28
PWM_1
Pulse width modulation input of H-Bridge 1
29
DIR_1
Direction input to define direction of the motor current of H-Bridge 1
30
VSO_1
Supply pin for SO output of H-Bridge 1.
Connect to 5 V or 3.3 V depending on desired logic level
31
SO_1
SPI serial output of H-Bridge 1
32
NC
Not connected
33
VS_1
Supply voltage of H-Bridge 1, Connect to Pin 4
34
OUT1_1
Output 1 of H-Bridge 1. Connect to Pin 35
35
OUT1_1
Output 1 of H-Bridge 1. Connect to Pin 34
36
GND1)
Ground
1) All ground pins (GND) have to be connected via a low ohmic, low inductive connection (e.g. a ground
plane)
Table 1
Pin Defintions and Functions
Pin
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com