Electronic Components Datasheet Search
  English  ▼

X  

TLE9202ED Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE9202ED
Description  Dual 6 A H-Bridge With SPI
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9202ED Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE9202ED Datasheet HTML 9Page - Infineon Technologies AG TLE9202ED Datasheet HTML 10Page - Infineon Technologies AG TLE9202ED Datasheet HTML 11Page - Infineon Technologies AG TLE9202ED Datasheet HTML 12Page - Infineon Technologies AG TLE9202ED Datasheet HTML 13Page - Infineon Technologies AG TLE9202ED Datasheet HTML 14Page - Infineon Technologies AG TLE9202ED Datasheet HTML 15Page - Infineon Technologies AG TLE9202ED Datasheet HTML 16Page - Infineon Technologies AG TLE9202ED Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
13
Rev. 1.0
2016-09-29
TLE9202ED
Dual 6 A H-Bridge With SPI
Block Description
3.12.2
SPI Register Description
The TLE9202ED provides detailed diagnosis and the option to control the outputs via SPI. Following
commands are available (x = don’t care, d = data):
The first SPI response provided after power up is the device revision number (RD_REV). For any unspecified
commands the device will respond with the content of the diagnosis register (RD_DIA).
The registers are addressed wordwise.
Table 3
SPI Command Set
Command
Input Byte
Description
RD_DIA
000x xxxx
Read Diagnosis Register
RES_DIA1)
1) After a RES_DIA command, the device will respond with the Diagnosis register value
100x xxxx
Reset Diagnosis Register
RD_REV
001x xxxx
Read Device Revision Number
RD_CTRL
011x xxxx
Read Control Register
WR_CTRL
111d dddd
Write Control - sets and returns Control Register values
WR_CTRL_RD_DIA
110d dddd
Write Control and Read Diagnosis- sets Control Register values
and returns Diagnosis Register values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com