Electronic Components Datasheet Search
  English  ▼

X  

TLE9202ED Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE9202ED
Description  Dual 6 A H-Bridge With SPI
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9202ED Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE9202ED Datasheet HTML 1Page - Infineon Technologies AG TLE9202ED Datasheet HTML 2Page - Infineon Technologies AG TLE9202ED Datasheet HTML 3Page - Infineon Technologies AG TLE9202ED Datasheet HTML 4Page - Infineon Technologies AG TLE9202ED Datasheet HTML 5Page - Infineon Technologies AG TLE9202ED Datasheet HTML 6Page - Infineon Technologies AG TLE9202ED Datasheet HTML 7Page - Infineon Technologies AG TLE9202ED Datasheet HTML 8Page - Infineon Technologies AG TLE9202ED Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Data Sheet
1
Rev. 1.0
www.infineon.com
2016-09-29
TLE9202ED
Dual 6 A H-Bridge With SPI
Overview
Features
•RDSonof 100 mW per switch typ. at Tj = 25 oC
• Logic inputs 3.3 V and 5.0 V TTL / CMOS-compatible
•Low standby current
• Chopper current limitation
• Short circuit shut down with latch behavior
• Overtemperature shut down with latch behavior
•Vs undervoltage shutdown
• Open load detection in ON and OFF state
• Detailed SPI diagnosis or simple error flag
• Green product (RoHS compliant)
• AEC qualified
Description
The TLE9202ED contains two independent general purpose 6 A H-Bridges in one Package. It is designed for
(but not limited to) the control of DC motors or other inductive loads in automotive applications. The outputs
can be pulse width modulated at frequencies up to 20 kHz. PWM/DIR control reduces the number of PWM
capable pins needed on the microcontroller side.
For load currents above the current limitation threshold (8 A typ.) the H-Bridge goes into chopper current
limitation mode. It is protected against short circuits and overtemperature and provides extensive diagnosis
via SPI or basic error feedback via error flag. Open load can be detected when the bridge is disabled or during
PWM operation of inductive loads.
Type
Package
Marking
TLE9202ED
PG-DSO-36-72
TLE9202ED


Similar Part No. - TLE9202ED

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9201SG INFINEON-TLE9201SG Datasheet
1Mb / 26P
6 A H-Bridge with SPI
Rev. 1.0, 2014-02-25
More results

Similar Description - TLE9202ED

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9230 STMICROELECTRONICS-L9230 Datasheet
218Kb / 25P
SPI CONTROLLED H-BRIDGE
Mar-2003
L9929 STMICROELECTRONICS-L9929 Datasheet
629Kb / 23P
SPI CONTROLLED H-BRIDGE
13-May-2005
logo
Infineon Technologies A...
TLE8209-2SA INFINEON-TLE8209-2SA Datasheet
504Kb / 38P
SPI Programmable H-Bridge
Rev. 1.0, Feb. 2010
logo
Freescale Semiconductor...
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
Dual 5.0 A H-Bridge
logo
Infineon Technologies A...
IFX9201SG INFINEON-IFX9201SG_15 Datasheet
1Mb / 27P
6 A H-Bridge with SPI
Rev. 1.1, 2015-02-15
TLE8209-2 INFINEON-TLE8209-2 Datasheet
758Kb / 41P
SPI Programmable H-Bridge
Rev. 1.4, October 2014
TLE9201SG INFINEON-TLE9201SG Datasheet
1Mb / 26P
6 A H-Bridge with SPI
Rev. 1.0, 2014-02-25
TLE8209-2SA INFINEON-TLE8209-2SA_12 Datasheet
703Kb / 38P
SPI Programmable H-Bridge
Rev. 1.2, Dec. 2012
IFX9202ED INFINEON-IFX9202ED Datasheet
1Mb / 28P
Dual 6 A H-Bridge With SPI
Rev. 1.0 2016-12-01
logo
ON Semiconductor
NCV7535 ONSEMI-NCV7535 Datasheet
305Kb / 21P
SPI Controlled H-bridge and Dual-Half Bridge Pre-Driver
February, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com