Electronic Components Datasheet Search
  English  ▼

X  

TLE9202ED Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE9202ED
Description  Dual 6 A H-Bridge With SPI
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9202ED Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE9202ED Datasheet HTML 17Page - Infineon Technologies AG TLE9202ED Datasheet HTML 18Page - Infineon Technologies AG TLE9202ED Datasheet HTML 19Page - Infineon Technologies AG TLE9202ED Datasheet HTML 20Page - Infineon Technologies AG TLE9202ED Datasheet HTML 21Page - Infineon Technologies AG TLE9202ED Datasheet HTML 22Page - Infineon Technologies AG TLE9202ED Datasheet HTML 23Page - Infineon Technologies AG TLE9202ED Datasheet HTML 24Page - Infineon Technologies AG TLE9202ED Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
21
Rev. 1.0
2016-09-29
TLE9202ED
Dual 6 A H-Bridge With SPI
Electrical Characteristics
Chopper Current Limitation
Current Limit
|IL|
6.0
8.0
10.0
A
VVS = 13.5 V
P_6.0.42
Blanking time1)
tb
5813
µs
–
P_6.0.43
Minimum transition time1)
ttrans
-95
-
µs
–
P_6.0.44
Short Circuit Detection
Short circuit detection
threshold high side switch
|ISC_H|
8.0
11.5
14.5
A
VVS= 13.5 V
P_6.0.45
Short Circuit detection
threshold low side switch
|ISC_L|
8.0
11.5
14.5
A
P_6.0.46
Current tracking high side
|ISC_H|-|IL| 2.0
4.0
5.2
A
P_6.0.47
Current tracking low side
|ISC_L|- |IL| 1.8
3.5
5.2
A
P_6.0.48
Short Circuit detection filter
time1)
tsdf
-2
-µs
-
P_6.0.49
Open Load Detection in OFF State
Pull up Current at OUT1
IOUT1_OL 60
140
200
µA
VVS = 13.5 V; VOUT1= 0 V
P_6.0.50
Pull down Current at OUT2 IOUT2_OL -500
-350
-200
µA
VVS = VOUT2= 13.5 V
P_6.0.51
Ratio of current sources
Ratio_IOL 1.8
2.5
3.5
-
-
P_6.0.52
Open load detection in OFF
filter time1)
tf_OL
40
--µs
-
P_6.0.53
SPI Timing (Figure 9 “SPI Timing Definition (drawing not to scale)” on Page 12)1)
Cycle-time (1)
tcyc
490
-
-
ns
Referred to master
P_6.0.54
Enable Lead Time (2)
tlead
50
-
-
ns
Referred to master
P_6.0.55
Enable Lag Time (3)
tlag
150
-
-
ns
Referred to master
P_6.0.56
Data valid (4)3)
tv
-
-
150
ns
CL = 200 pF Referred to
TLE9202ED
P_6.0.57
-
-
230
ns
CL = 350 pF Referred to
TLE9202ED
Data Setup Time (5)
tsu
40
-
-
ns
Referred to master
P_6.0.58
Data hold Time (6)
th
40
-
-
ns
Referred to master
P_6.0.59
Disable Time (7)
tdis
-
-
100
ns
Referred to TLE9202ED
P_6.0.60
Transfer Delay (8)
tdt
2
-
-
µs
Referred to master
P_6.0.61
Disable Lead Time(9)
tdld
250
-
-
ns
Referred to master
P_6.0.62
Disable Lag Time (10)
tdlg
250
-
-
ns
Referred to master
P_6.0.63
Table 9
Electrical Characteristics
VS =8 V to 28 V; VVSO =2.9 V to 5.5V; Tj = -40°C to +150°C; positive current flowing according to Figure 2 (unless
otherwise specified)
Parameter
Symbol
Values
Unit Note or Test Condition Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com