Electronic Components Datasheet Search
  English  ▼

X  

TLE9202ED Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE9202ED
Description  Dual 6 A H-Bridge With SPI
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9202ED Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE9202ED Datasheet HTML 16Page - Infineon Technologies AG TLE9202ED Datasheet HTML 17Page - Infineon Technologies AG TLE9202ED Datasheet HTML 18Page - Infineon Technologies AG TLE9202ED Datasheet HTML 19Page - Infineon Technologies AG TLE9202ED Datasheet HTML 20Page - Infineon Technologies AG TLE9202ED Datasheet HTML 21Page - Infineon Technologies AG TLE9202ED Datasheet HTML 22Page - Infineon Technologies AG TLE9202ED Datasheet HTML 23Page - Infineon Technologies AG TLE9202ED Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Data Sheet
20
Rev. 1.0
2016-09-29
TLE9202ED
Dual 6 A H-Bridge With SPI
Electrical Characteristics
Output SO
Low level
VSO_L
0.0
–
0.4
V
ISO = -1 mA
P_6.0.21
High level
VSO_H
VVSO-
0.75
–
VVSO
V
ISO = 1 mA,
2.9 V < VVSO< 5.5 V
P_6.0.22
Tristage Leakage Current
ISO
-5
–
5
µA
0V < VSO < VVSO;
VVSO = 5.5 V
P_6.0.23
Output Capacity1)
CSO
––19
pF
Vbias = 2 V;
Vtest = 20 mVpp;
f
= 1 MHz
P_6.0.24
Power Outputs OUT1, OUT2
On resistance low side
ROUTL
–
100
–
mΩ
IOUT =2 A; Tj = 25 °C
P_6.0.25
–
–
200
mΩ
IOUT =2 A; Tj = 150 °C
On resistance high side
ROUTH
–
100
–
mΩ
IOUT =2 A; Tj = 25 °C
P_6.0.26
–
–
200
mΩ
IOUT =2 A; Tj = 150 °C
Leakage current
IOUT1(off)
IOUT2(off)
-25
–
25
µA
VVS = 13.5 V; Outputs off;
OLDIS High
P_6.0.27
-100
25
VVS = 13.5 V; Sleep mode
Free-wheel diode forward
voltage
UD
–0.9
1.0
V
ID = 2 A
P_6.0.28
Output Switching Times2)
Rise time HS
tr(HS)
5–
40
µs
VVS = 13.5 V;
RLoad =6.8 Ω
P_6.0.29
Fall time HS
tf(HS)
5–
40
µs
P_6.0.30
Rise time LS
tr(LS)
1.0
–
7.0
µs
P_6.0.31
Fall time LS
tf(LS)
1.0
–
7.0
µs
P_6.0.32
PWM Frequency1)
fPWM
0–
20
kHz
–
P_6.0.33
Output Delay Times2)
Output on-delay HS
td_on(HS) ––80
µs
VVS = 13.5 V;
RLoad =6.8 Ω
P_6.0.34
Output off-delay HS
td_off(HS) ––80
µs
P_6.0.35
Output on-delay LS
td_on(LS)
––10
µs
P_6.0.36
Output off-delay LS
td_off(LS)
––10
µs
P_6.0.37
Disable delay time
td_dis
––80
µs
P_6.0.38
Enable delay time
td_en
––80
µs
P_6.0.39
Disable/Enable filter time1) tf_en
0.4
–
3
µs
P_6.0.40
Wake Up delay time1)
twu
–
–
1
ms
VSO high --> OUT high
P_6.0.41
Table 9
Electrical Characteristics
VS =8 V to 28 V; VVSO =2.9 V to 5.5V; Tj = -40°C to +150°C; positive current flowing according to Figure 2 (unless
otherwise specified)
Parameter
Symbol
Values
Unit Note or Test Condition Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com