Electronic Components Datasheet Search
  English  ▼

X  

FNP600 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # FNP600
Description  AC-DC POWER SUPPLY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

FNP600 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  FNP600 Datasheet HTML 1Page - Bel Fuse Inc. FNP600 Datasheet HTML 2Page - Bel Fuse Inc. FNP600 Datasheet HTML 3Page - Bel Fuse Inc. FNP600 Datasheet HTML 4Page - Bel Fuse Inc. FNP600 Datasheet HTML 5Page - Bel Fuse Inc. FNP600 Datasheet HTML 6Page - Bel Fuse Inc. FNP600 Datasheet HTML 7Page - Bel Fuse Inc. FNP600 Datasheet HTML 8Page - Bel Fuse Inc. FNP600 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FNP600/850/1000
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD20034-G_AE
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Altitude
Operating.
Non-Operating.
10K
40K
ASL ft
ASL ft
Operating Temperature
FNP600-12:
FNP850-12:
FNP600-48:
FNP1000-48:
Internal DC fan for cooling. At 100% load:
At 50% load:
0
0
50
70
ºC
FNP850-12R:
Internal DC fan for cooling. At 100% load:
At 94% load:
At 50% load:
0
0
0
40
50
70
ºC
Storage Temperature
-40
85
ºC
Temperature Coefficient
0 ºC to 70 ºC (after 15-minute warm-up).
0.02
%/ºC
Relative Humidity
Non-condensing
95
%RH
Shock
Operating: half-sine, 10 ms, 3-axis.
Non-Operating: half-sine, 10 ms, 3-axis.
+20
+40
Gpk
Vibration
Operating: swept sine 5-2000-5 Hz,
5-32 Hz, 0.02îDA, 32-2000 Hz.
Non-operating: random 10-2000 Hz.
1
6.15
Gpk
Grms
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
MTBF
(Calculated) MILHDBK 217F Ground Benign.
Demonstrated.
Useful Life.
100 000
250 000
10
hrs
hrs
yrs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com