Electronic Components Datasheet Search
  English  ▼

X  

FNP600 Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # FNP600
Description  AC-DC POWER SUPPLY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

FNP600 Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button FNP600 Datasheet HTML 4Page - Bel Fuse Inc. FNP600 Datasheet HTML 5Page - Bel Fuse Inc. FNP600 Datasheet HTML 6Page - Bel Fuse Inc. FNP600 Datasheet HTML 7Page - Bel Fuse Inc. FNP600 Datasheet HTML 8Page - Bel Fuse Inc. FNP600 Datasheet HTML 9Page - Bel Fuse Inc. FNP600 Datasheet HTML 10Page - Bel Fuse Inc. FNP600 Datasheet HTML 11Page - Bel Fuse Inc. FNP600 Datasheet HTML 12Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FNP600/850/1000
© 2015 Bel Power Solutions, Inc.
866.513.2839
tech.support@psbel.com
BCD20034-G_AE
OUTPUT CONNECTOR
DESCRIPTION
PIN
LOCATION
TYPE
LOW LEVEL
HIGH LEVEL
V max
I max
Overtemperature /
Fan Fail PSU1
1
OC-output, protected by 16 V Zener diode
and a 10
Ω resistor in series, referenced to logic GND
<0.4 V @ 20 mA
Pull up
15 V
20 mA
Power Supply Present
PSU 1
2
Resistor 10
Ω connected to logic GND
Open
Pull up
10 V
10 mA
Power Supply Present
PSU 2
3
Resistor 10
Ω connected to logic GND
Open
Pull up
10 V
10 mA
Open
4
Overtemperature /
Fan Fail PSU 3
5
OC-output, protected by 16 V Zener diode
and a 10
Ω resistor in series, referenced to logic GND
<0.4 V @ 20 mA
Pull up
15 V
20 mA
AC Fail /
Power down warning PSU 3
6
OC-output, protected by 16 V Zener diode
and a 10
Ω resistor in series, referenced to logic GND
<0.4 V @ 20 mA
Pull up
15 V
20 mA
Power Supply Present
PSU 3
7
Resistor 10
Ω connected to logic GND
Open
Pull up
10 V
10 mA
DC Fail /
Output voltage fault PSU 3
8
OC-output, protected by 16 V Zener diode
and a 10
Ω resistor in series, referenced to logic GND
<0.4 V @ 20 mA
Pull up
15 V
20 mA
Overtemperature /
Fan Fail PSU 2
9
OC-output, protected by 16 V Zener diode
and a 10
Ω resistor in series, referenced to logic GND
<0.4 V @ 20 mA
Pull up
15 V
20 mA
NC
10, 11
Output inhibit
PSU 1-5
12
Active low (DC-DC stage off when pin is open or on
high potential)
Referenced to logic GND
<0.8 V
>2.0 V
10 V
3.5 mA
V sense +
13
Open or connected to Vo1+ at the load
Internally (PSU) connected to Vo1+ over 100
Ω
dU < 3 Vpp
30 mA
V sense -
14
Open or connected to Vo1- at the load
Internally (PSU) connected to Vo1- over 100
Ω
dU < 3 Vpp
30 mA
NC
15
AC Fail/
Power-down warning PSU 4
16
OC-output, protected by 16 V Zener diode
and a 10
Ω resistor in series, referenced to logic GND
<0.4 V @ 20 mA
Pull up
15 V
20 mA
DC Fail/
Output voltage fault PSU 4
17
OC-output, protected by 16 V Zener diode
and a 10
Ω resistor in series, referenced to logic GND
<0.4 V @ 20 mA
Pull up
15 V
20 mA
AC Fail/
Power-down warning PSU 5
18
OC-output, protected by 16 V Zener diode
and a 10
Ω resistor in series, referenced to logic GND
<0.4 V @ 20 mA
Pull up
15 V
20 mA
DC Fail/
Output voltage fault PSU 5
19
OC-output, protected by 16 V Zener diode
and a 10
Ω resistor in series, referenced to logic GND
<0.4 V @ 20 mA
Pull up
15 V
20 mA
AC Fail/
Power-down warning PSU 1
20
OC-output, protected by 16 V Zener diode
and a 10
Ω resistor in series, referenced to logic GND
<0.4 V @ 20 mA
Pull up
15 V
20 mA
DC Fail/
Output voltage fault PSU 1
21
OC-output, protected by 16 V Zener diode
and a 10
Ω resistor in series, referenced to logic GND
<0.4 V @ 20 mA
Pull up
15 V
20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com