Electronic Components Datasheet Search
  English  ▼

X  

STM48 Datasheet(PDF) 16 Page - Bel Fuse Inc.

Part # STM48
Description  48V-to-PoL isolated DC-DC converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

STM48 Datasheet(HTML) 16 Page - Bel Fuse Inc.

Back Button STM48 Datasheet HTML 12Page - Bel Fuse Inc. STM48 Datasheet HTML 13Page - Bel Fuse Inc. STM48 Datasheet HTML 14Page - Bel Fuse Inc. STM48 Datasheet HTML 15Page - Bel Fuse Inc. STM48 Datasheet HTML 16Page - Bel Fuse Inc. STM48 Datasheet HTML 17Page - Bel Fuse Inc. STM48 Datasheet HTML 18Page - Bel Fuse Inc. STM48 Datasheet HTML 19Page - Bel Fuse Inc. STM48 Datasheet HTML 20Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
STM48-MAIN
STM48-SATELLITE
Rev. 1.0 – 21/02/2018
www.powerstamp.org
Page 16 of 30
belfuse.com/power-solutions
Package Pinout – SATELLITE
Land designator per JEP95, SEC. 3, SPP-010 AND SPP-020
, Zero orientation with pin 1 in lower left corner
Pin Description – SATELLITE
Pin #
Pin name
Pin Function
1A1
+IN
Positive input voltage supply
1A2
PWM_Y
PWM input Y
1A3
VDD
Primary side auxiliary voltage supply
1A4
PWM_X
PWM input X
1A5
+IN
Positive input voltage supply
1B1
-IN
Primary side ground
1B5
-IN
Primary side ground
2A1
START
Synchronous rectifier START signal
2A5
PWM_S
Synchronous rectifier PWM signal
2B1
TMN
Temperature monitor negative output
2B5
VCC
Secondary side auxiliary voltage supply
2C1
TMP
Temperature monitor positive output
2C5
CSP
Current monitor positive output
2D1
GND
Secondary side ground
2D2
VOUT
Positive output voltage
2D3
CSN
Current monitor negative output
2D4
VOUT
Positive output voltage
2D5
GND
Secondary side ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com