Electronic Components Datasheet Search
  English  ▼

X  

STM48 Datasheet(PDF) 20 Page - Bel Fuse Inc.

Part # STM48
Description  48V-to-PoL isolated DC-DC converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

STM48 Datasheet(HTML) 20 Page - Bel Fuse Inc.

Back Button STM48 Datasheet HTML 16Page - Bel Fuse Inc. STM48 Datasheet HTML 17Page - Bel Fuse Inc. STM48 Datasheet HTML 18Page - Bel Fuse Inc. STM48 Datasheet HTML 19Page - Bel Fuse Inc. STM48 Datasheet HTML 20Page - Bel Fuse Inc. STM48 Datasheet HTML 21Page - Bel Fuse Inc. STM48 Datasheet HTML 22Page - Bel Fuse Inc. STM48 Datasheet HTML 23Page - Bel Fuse Inc. STM48 Datasheet HTML 24Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
STM48-MAIN
STM48-SATELLITE
Rev. 1.0 – 21/02/2018
www.powerstamp.org
Page 20 of 30
belfuse.com/power-solutions
to determine the switching frequency / duty cycle generated by the digital COT control. The digital PWM (DPWM)
modulator demultiplexes the resulting switching frequency for automatic phase shedding and interleaving.
Primary Parallel Bus
The primary parallel bus carries the PWM signals generated by the digital PWM modulator. Two out-of-phase
signals, PWMX and PWMY, are transmitted to the primary side, either directly or through optional digital isolators,
to drive the two sides of the full bridge power train.
Secondary Parallel Bus
The secondary parallel bus contains multiple input and output signals to/from the digital multi-cell controller. Each
SATELLITE in a parallel array, including the on-board power train of the MAIN converter, provides output current
information through the differential CSPx and CSNx signals.
SATELLITE
L1
L2
RTCM C
TCM
t°
RTCM
VOUT
GND
COUT
Synch.
Rect.
An NTC sensor is installed in proximity of each output inductor for temperature compensated output current
measurement and the corresponding signal is fed to the digital multi cell controller via the TMPx pins. The TMN pin
provides pseudo-differential transmission of the TMPx signals. The DPWM modulator generates the STARTx signal to
synchronize the operation of the output synchronous rectifier with the PWMX and PWMY signals driving the input full
bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com