Electronic Components Datasheet Search
  English  ▼

X  

STM48 Datasheet(PDF) 28 Page - Bel Fuse Inc.

Part # STM48
Description  48V-to-PoL isolated DC-DC converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

STM48 Datasheet(HTML) 28 Page - Bel Fuse Inc.

Back Button STM48 Datasheet HTML 22Page - Bel Fuse Inc. STM48 Datasheet HTML 23Page - Bel Fuse Inc. STM48 Datasheet HTML 24Page - Bel Fuse Inc. STM48 Datasheet HTML 25Page - Bel Fuse Inc. STM48 Datasheet HTML 26Page - Bel Fuse Inc. STM48 Datasheet HTML 27Page - Bel Fuse Inc. STM48 Datasheet HTML 28Page - Bel Fuse Inc. STM48 Datasheet HTML 29Page - Bel Fuse Inc. STM48 Datasheet HTML 30Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
STM48-MAIN
STM48-SATELLITE
Rev. 1.0 – 21/02/2018
www.powerstamp.org
Page 28 of 30
belfuse.com/power-solutions
Surface Mount Information
Pick and Place
The Power Stamp modules use an open frame construction and are designed for a fully automated assembly process.
The modules are fitted with a label designed to provide a large surface area for pick and place operations. The label
meets all the requirements for surface mount processing, as well as safety standards, and is able to withstand reflow
temperatures of up to 300°C. The label also carries product information such as product code, serial number and the
location of manufacture.
Nozzle Recommendations
The module weight has been kept to a minimum by using open frame construction. Variables such as nozzle size, tip
style, vacuum pressure and placement speed should be considered to optimize this process. The minimum
recommended inside nozzle diameter for reliable operation is 3mm. The maximum nozzle outer diameter, which will
safely fit within the allowable component spacing, is 7 mm.
Bottom Side / First Side Assembly
This module is not recommended for assembly on the bottom side of a customer board. If such an assembly is
attempted, components may fall off the module during the second reflow process.
Lead Free Soldering
The modules are lead-free (Pb-free) and RoHS compliant and fully compatible in a Pb-free soldering process. Failure
to observe the instructions below may result in the failure of or cause damage to the modules and can adversely affect
long-term reliability.
Pb-free Reflow Profile
Power Systems will comply with J-STD-020 Rev. C (Moisture/Reflow Sensitivity Classification for Non-hermetic Solid
State Surface Mount Devices) for both Pb-free solder profiles and MSL classification procedures. This standard
provides a recommended forced-air-convection reflow profile based on the volume and thickness of the package
(table 4-2). The suggested Pb-free solder paste is Sn/Ag/Cu (SAC). The recommended linear reflow profile using
Sn/Ag/Cu solder is shown in the Soldering Information section. Soldering outside of the recommended profile requires
testing to verify results and performance.
MSL Rating
The Power Stamp modules have a MSL rating of TBD.
Pre-baking
This component has been designed, handled, and packaged ready for Pb-free reflow soldering. If the assembly shop
follows JSTD-033 Rev. A guidelines, no pre-bake of this component is required before being reflowed to a PCB.
However, if the J-STD-033 Rev A guidelines are not followed by the assembler, Bel recommends that the modules
should be pre-baked @ 120~125
℃foraminimumof4hours(preferably24hours)beforereflowsoldering.
Storage and Handling
The recommended procedures for moisture-sensitive surface mount packages are detailed in J-STD-033 Rev. A.
Moisture barrier bags (MBB) with desiccant are required for MSL ratings of 2 or greater. These sealed packages should
not be broken until time of use. Once the original package is broken, the floor life of the product at conditions of <
30°C and 60% relative humidity varies according to the MSL rating (see J-STD-033A). The shelf life for dry packed SMT
packages will be a minimum of 12 months from the bag seal date, when stored at the following conditions: < 40° C, <
90% relative humidity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com