Electronic Components Datasheet Search
  English  ▼

X  

STM48 Datasheet(PDF) 22 Page - Bel Fuse Inc.

Part # STM48
Description  48V-to-PoL isolated DC-DC converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

STM48 Datasheet(HTML) 22 Page - Bel Fuse Inc.

Back Button STM48 Datasheet HTML 18Page - Bel Fuse Inc. STM48 Datasheet HTML 19Page - Bel Fuse Inc. STM48 Datasheet HTML 20Page - Bel Fuse Inc. STM48 Datasheet HTML 21Page - Bel Fuse Inc. STM48 Datasheet HTML 22Page - Bel Fuse Inc. STM48 Datasheet HTML 23Page - Bel Fuse Inc. STM48 Datasheet HTML 24Page - Bel Fuse Inc. STM48 Datasheet HTML 25Page - Bel Fuse Inc. STM48 Datasheet HTML 26Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
STM48-MAIN
STM48-SATELLITE
Rev. 1.0 – 21/02/2018
www.powerstamp.org
Page 22 of 30
belfuse.com/power-solutions
Paralleling – STPSA60 and SATELLITE Configuration
STPSA60
Controller
MCU
Power
Monitor
PMBus
SVID /
AVS
IRQ
+IN
PuC I/F
S
-IN
PuC
VOUT
GND
SATELLITE #1
+IN
-IN
VOUT
GND
START1, PWM1S
CSP1, CSN1
TMP1, TMN1
PWM1X
PWM1Y
SATELLITE #n
+IN
-IN
VOUT
GND
STARTn, PWMnS
CSPn, CSNn
TMPn, TMNn
PWMnX
PWMnY
+5V
VCC
+5V
VDD
+5V
+5V
VDD
VCC
PMBus I/F
SVID I/F
CPU I/F
Paralleled SATELLITEs using an external STPSA60 controller installed on the motherboard. Digital isolators provide
isolated feedback on the primary parallel bus and isolated input telemetry via the primary microcontroller interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com