Electronic Components Datasheet Search
  English  ▼

X  

PTK8607 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PTK8607
Description  8 Bit Micro-controller Data Sheet
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PTK8607 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PTK8607 Datasheet HTML 1Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 2Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 3Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 4Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 5Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 6Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 7Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 8Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
PTK8607 Data Sheet
==========================================
=====================================================================================
Page4
6. 特色
a. 8-bit 微處理器
b. 操作速度 : DC-20MHz
c. ROM 大小︰2048 個
d. RAM 大小︰24 個
e. 特別暫存器︰11 個
f. 4 層堆疊深度(4 Level Stack)
g. 內部可程式化 I/O 上拉及下拉電阻
h. 內部可程式化關閉 I/O P-MOS
i. 1 個 8-bit(RTCC1)可程式化預除器
7. 暫存器
位
址
名
稱
000h
IDFSR
001h
RTCC1
002h
PCRL
003h
STACR
004h
FSR
005h
Port1
006h
Port2
007h
Port3
008h
F08
009h
F09
00Ah
F0A
00Bh
F0B
00Ch
F0C
00Dh
F0D
00Eh
F0E
00Fh
F0F
010h ~ 01Fh
R10 ~ R1F
特殊位址
OPTION,CFR2,CFR3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com