Electronic Components Datasheet Search
  English  ▼

X  

PTK8607 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PTK8607
Description  8 Bit Micro-controller Data Sheet
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PTK8607 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PTK8607 Datasheet HTML 5Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 6Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 7Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 8Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 9Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 10Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 11Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 12Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
PTK8607 Data Sheet
==========================================
=====================================================================================
Page9
9.6 PORT1
–
位
址
說
明
05h
PORT1 暫存器
.
8 位元 I/O 暫存器。
.
P10 至 P13 內建可程式化上拉/下拉電阻功能。
9.8 PORT2
–
位
址
說
明
06h
PORT2 暫存器
8 位元 I/O 暫存器。
P20 至 P27 內建可程式化上拉/下拉電阻功能。
9.10 PORT3
–
位
址
說
明
07h
PORT3 暫存器
. 8 位元 I/O 暫存器。
. P30 至 P37 內建可程式化上拉/下拉電阻功能。
TRIS
IOCGS0
D
EN
Q
QB
TRIS
D
EN
Q
QB
TRIS
D
EN
Q
V
DD
Read Signal
To Data Bus
D
CK
Q
QB
From Data Bus
Write
P1/2/3POFB
D
EN
Q
QB
To I/O Interrupt Flag
PAD
From I/O State
Latch Bit
TRIS
D
EN
Q
Pull-Low Setting Register
Interrupt Setting Register
I/O Setting Register
Pull-High Setting Register
P-MOS Control Bit
IOCGS1
IOCGS0
IOCGS1
IOCGS0
IOCGS1
IOCGS0
IOCGS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com