Electronic Components Datasheet Search
  English  ▼

X  

PTK8607 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PTK8607
Description  8 Bit Micro-controller Data Sheet
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PTK8607 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PTK8607 Datasheet HTML 3Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 4Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 5Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 6Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 7Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 8Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 9Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 10Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
PTK8607 Data Sheet
==========================================
=====================================================================================
Page7
9.4 STACR
–
位
址
說
明
03h
狀態控制暫存器,預設值 00011XXX
位元
名 稱
功
能
說
明
Bit7
-
一般可讀/可寫位元。
Bit6
Bit5
PCBK1-0
功能:頁選擇暫存器(一頁面 = 512 Words)。
說明:執行 GOTO 指令,若位址超過一個頁面,需作頁面切換。
使用:
ORG
000H
BSF
STACR,6
GOTO
L410
L110
NOP
; PCBK1-0<0,0>Page0 (000~1ff)
ORG
410H
L410
NOP
; PCBK1-0<1,0>Page1 (400~5ff)
BCF
STACR,6
GOTO
L110
Bit4
TMOF
功能:看門狗逾時旗標位元。
說明:
看門狗逾時,
TMOF = 0
執行 CLRWDT 指令,TMOF = 1
PCDF = 1
Bit3
PCDF
功能:低消耗電源旗標位元。
說明:執行 SLEEP 指令後,
PCDF = 0
TMOF = 1
功能:零位旗標。
說明:運算結果≠0 (5–2) = 3
運算結果=0 (5-5) = 0
MOVLW
05H
MOVLW
05H
MOVW2F
12H
MOVW2F
12H
MOVLW
02H
MOVLW
05H
SUBWF2W
12H
SUBWF2W
12H
ZF = 0
ZF = 1
0
MCU 運算結果不為 0
Bit2
ZF
1
MCU 運算結果為 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com