Electronic Components Datasheet Search
  English  ▼

X  

PTK8607 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # PTK8607
Description  8 Bit Micro-controller Data Sheet
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PTK8607 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button PTK8607 Datasheet HTML 9Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 10Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 11Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 12Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 13Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 14Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 15Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 16Page - List of Unclassifed Manufacturers PTK8607 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
PTK8607 Data Sheet
==========================================
=====================================================================================
Page13
10. 指令說明
Operands
Function
Operation
Status
ADDF2F
A
ADD W to A
W+A
A
C,DC,Z
ADDF2W
A
ADD W to A
W+A
W
C,DC,Z
ANDF2F
A
AND W with A
W A
A
C,DC,Z
ANDF2W
A
AND W with A
W A
W
C,DC,Z
CLRF
A
Clear A and clear
0
A
Z
CLRW
Clear W register
0
W
Z
COMF2F
A
Complement A
/A
A
Z
COMF2W
A
Complement A
/A
W
Z
DECF2F
A
Decrement A
A – 1
A
Z
DECF2W
A
Decrement A
A – 1
W
Z
INCF2F
A
Increment A
A+1
A
Z
INCF2W
A
Increment A
A+1
W
Z
IORF2F
A
Inclusive OR W with A
W A
A
Z
IORF2W
A
Inclusive OR W with A
W A
W
Z
MOVF2F
A
Move A
A
A
Z
MOVF2W
A
Move A
A
W
Z
MOVW2F
A
Move W to A
W
A
None
TRIS
A
Load W to A Register
W
TRIS_A
None
RLF2F
A
Rotate left A through carry A(n) A(n+1),C A(0) R(7) C
C
RLF2W
A
Rotate left A through carry A(n) A(n+1),C A(0) R(7) C
C
RRF2F
A
Rotate right A through carry R(n) R(n-1),C R(7) R(0) C
C
RRF2W
A
Rotate right A through carry R(n) R(n-1),C R(7) R(0) C
C
SUBF2F
A
Subtract W from A
W-1
A
C,DC,Z
SUBF2W
A
Subtract W from A
W-1
W
C,DC,Z
SWAPF2F
A
Swap A
A(0~3)
↔ A(4~7)
A
None
SWAPF2W
A
Swap A
A(0~3)
↔ A(4~7)
W
None
XORF2F
A
Exclusive OR W with A
W
⊕A
A
Z
XORF2W
A
Exclusive OR W with A
W
⊕A
W
Z
INCFSZ2F A
Increment A, skip if 0
A+1 A
None
INCFSZ2W A
Increment A, skip if 0
A+1 W
None
DECFSZ2F A
Decrement f, skip if 0
A-1
A
None
DECFSZ2W A
Decrement f, skip if 0
A-1
W
None
BCF
A,b Bit clear A
Set A(b) = 0
None
BSF
A,b Bit set A
Set A(b) = 1
None
BTFS0
A,b Bit test, skip if clear
Skip if A(b) = 0
None
BTFS1
A,b Bit test, skip if set
Skip if A(b) = 1
None
ANDLW
K
AND literal and W
B
∩W
B
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com