Electronic Components Datasheet Search
  English  ▼

X  

MP2626 Datasheet(PDF) 29 Page - Monolithic Power Systems

Part # MP2626
Description  USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2626 Datasheet(HTML) 29 Page - Monolithic Power Systems

Back Button MP2626 Datasheet HTML 25Page - Monolithic Power Systems MP2626 Datasheet HTML 26Page - Monolithic Power Systems MP2626 Datasheet HTML 27Page - Monolithic Power Systems MP2626 Datasheet HTML 28Page - Monolithic Power Systems MP2626 Datasheet HTML 29Page - Monolithic Power Systems MP2626 Datasheet HTML 30Page - Monolithic Power Systems MP2626 Datasheet HTML 31Page - Monolithic Power Systems MP2626 Datasheet HTML 32Page - Monolithic Power Systems MP2626 Datasheet HTML 33Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
MP2626 – SINGLE CELL LI-ION SWITCHING CHARGER WITH USB OTG
MP2626 Rev. 1.0
www.MonolithicPower.com
29
2/28/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Charge Current in Charge Mode
In charge mode, both the external sense resistor,
RS1, and the resistor RISET connect to the ISET
pin to set the charge current (ICHG) of the MP2626.
(see the Typical Application Circuit)
Given ICHG and RS1, RISET can be calculated as:
)
m
((
1
RS
)
A
(
I
2800
)
k
(
R
CHG
ISET
Ω
×
=
Ω
(8)
For example, for ICHG=2A, and RS1=50mΩ, thus:
RISET=28kΩ.
Setting the input Current Limiting in Charge
Mode
In charge mode, connect a resistor from the ILIM
pin to AGND to program the input current limit.
The relationship between the input current limit
and setting resistor is as following:
ILIM
IN _ LIM
40.5(k ) 1(A)
R(k )
I(A)
Ω×
Ω=
(9)
Where, RILIM must exceed 15kΩ so that IIN_LIM is
in the range of 0A to 2.7A.
For
most
applications,
use
RILIM=45kΩ
(IUSB_LIM=900mA) for USB3.0 mode, and use
RILIM=81kΩ (IUSB_LIM=500mA) for USB2.0 mode.
Setting the Input Voltage Range for Different
Operation Modes
A resistive voltage divider from the input to PWIN
pin determines the operation mode of MP2626.
PWIN
IN
R4
VV
R4 R3
=×
+
(10)
When MP2626 works in the charge mode (see
Table1), the voltage on PWIN should be between
0.8V and 1.15V. For a wide operating range, use
a maximum input voltage of 6V as the upper
threshold for a voltage ratio of:
PWIN
IN
V1.15
R4
V6
R4 R3
==
+
(11)
With the given R4 and R3,
IN
PWIN
PWIN
VV
R3
R4
V
−
=×
(12)
For a typical application, start with R4=5.1kΩ, R3
is 21.5kΩ.
Setting the Input Voltage Regulation in
Charge Mode
In Charge mode, connect a resistor divider from
the VIN to GND with tapped to REG pin to
program the input voltage regulation.
IN_ R
REG
R6 R5
VV
(V)
R6
+
=×
(13)
With the given R6, R5 is:
IN _ R
REG
REG
VV
R5
R6(V)
V
−
=×
(14)
For a preset input voltage regulation value, say
4.75V, start with R6=5.1kΩ, R5 is 15kΩ.
NTC Function in Charge Mode
Figure 13 shows that an internal resistor divider
sets the low temperature threshold (VTL) and high
temperature threshold (VTH) at 66.3%·VPMID and
35%·VPMID respectively. For a given NTC
thermistor, select an appropriate RT1 and RT2 to
set the NTC window.
%
3
.
66
TL
R
//
R
R
R
//
R
V
V
Cold
_
NTC
2
T
1
T
Cold
_
NTC
2
T
SYS
TL
=
=
+
=
(15)
T 2
NTC _ Hot
TH
SYS
T1
T 2
NTC _ Hot
R// R
V
TH 35%
VR
R // R
==
=
+
(16)
Where RNTC_Hot is the value of the NTC resistor at
the upper bound of its operating temperature
range, and RNTC_Cold is its lower bound.
The two resistors, RT1 and RT2, independently
determine the upper and lower temperature limits.
This flexibility allows the MP2626 to operate with
most NTC resistors for different temperature
range requirements. Calculate RT1 and RT2 as
follows:
NTC _ hot
NTC _ Cold
T1
NTC _ Cold
NTC _ Hot
RR
(TL TH)
R
TH TL (R
R
)
××
−
=
××
−
(17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com