Electronic Components Datasheet Search
  English  ▼

X  

MP2626 Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MP2626
Description  USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2626 Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MP2626 Datasheet HTML 26Page - Monolithic Power Systems MP2626 Datasheet HTML 27Page - Monolithic Power Systems MP2626 Datasheet HTML 28Page - Monolithic Power Systems MP2626 Datasheet HTML 29Page - Monolithic Power Systems MP2626 Datasheet HTML 30Page - Monolithic Power Systems MP2626 Datasheet HTML 31Page - Monolithic Power Systems MP2626 Datasheet HTML 32Page - Monolithic Power Systems MP2626 Datasheet HTML 33Page - Monolithic Power Systems MP2626 Datasheet HTML 34Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
MP2626 – SINGLE CELL LI-ION SWITCHING CHARGER WITH USB OTG
MP2626 Rev. 1.0
www.MonolithicPower.com
32
2/28/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
same as the output voltage ripple from equation
(28).
Both charge mode and boost mode have the
same battery voltage ripple. The capacitor CBATT
can be calculated as:
TC
IN
MAX
BATT
2
BATT _ MAX
S
1V / V _
C
8r
f
L
−
=
×Δ
× ×
(29)
To guarantee the
±0.5% BATT voltage accuracy,
the maximum BATT voltage ripple must not
exceed 0.5% (e.g. 0.2%). The worst case occurs
at the minimum battery voltage of the CC charge
with the maximum input voltage.
For
VINMAX=6V,
VCC_MIN=VTC=3V,
L=4.4
μH,
fSW=600kHz or 1.2MHz, ΔrBATT_MAX=0.1%, CBATT is
8.9
μF (for a 600kHz switching frequency) or
5.6
μF (for a 1.2MHz switching frequency).
A 22
μF ceramic with X7R dielectrics capacitor
will suffice.
PCB LAYOUT GUIDE
PCB layout is very important to meet specified
noise, efficiency and stability requirements. The
following design considerations can improve
circuit performance:
1) Route the power stage adjacent to their
grounds. Aim to minimize the high-side switching
node (SW, inductor) trace lengths in the high-
current paths
Keep the switching node short and away from all
small control signals, especially the feedback
network.
Place the input capacitor as close as possible to
the VIN and PGND pins. The local power input
capacitors, connected from the PMID to GND,
must be placed as close as possible to the IC.
Place the output inductor close to the IC and
connect the output capacitor between the
inductor and PGND of the IC.
2) For high-current applications, the power pads
for IN, SW, BATT and PGND should be
connected to as many copper planes on the
board as possible. The exposed pad should
connect to as many GND copper planes on the
board as possible, too. This improves thermal
performance because the board conducts heat
away from the IC.
3) The PCB should have a ground plane
connected directly to the return of all components
through vias (e.g. two vias per capacitor for
power stage capacitors, one via per capacitor for
small-signal components). If possible, add vias
inside the exposed pads for the IC. A star ground
design approach is typically used to keep the
circuit block currents isolated (power-signal /
control-signal), which reduces noise-coupling and
ground-bounce issues. A single ground plane for
this design gives good results.
4) Place ISET, OLIM and ILIM resistors very
close to their respective IC pins.
FREQ
VIN
VCC
ILIM
PWIN
TMR
CHG
BOOST
CSP
BATT
VB
AGND
Figure 14: PCB Layout Guide
DESIGN EXAMPLE
Below is a design example following the
application guides for the specifications:
Table 3 Design Example
VIN
5V
VOUT
3.7V
fSW
1200KHz
Figure 15 shows the detailed application
schematic.
The
Typical
Performance
Characteristics
section
shows
the
typical
performance and circuit waveforms. For more
possible applications of this chip, please refer to
the related Evaluation Board datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com