Electronic Components Datasheet Search
  English  ▼

X  

MP2626 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2626
Description  USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2626 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2626 Datasheet HTML 10Page - Monolithic Power Systems MP2626 Datasheet HTML 11Page - Monolithic Power Systems MP2626 Datasheet HTML 12Page - Monolithic Power Systems MP2626 Datasheet HTML 13Page - Monolithic Power Systems MP2626 Datasheet HTML 14Page - Monolithic Power Systems MP2626 Datasheet HTML 15Page - Monolithic Power Systems MP2626 Datasheet HTML 16Page - Monolithic Power Systems MP2626 Datasheet HTML 17Page - Monolithic Power Systems MP2626 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
MP2626 – SINGLE CELL LI-ION SWITCHING CHARGER WITH USB OTG
MP2626 Rev. 1.0
www.MonolithicPower.com
14
2/28/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
FREQ
Connect to GND to program the operating frequency to 600kHz. Leave floating or connect to
HIGH to program the operating frequency to 1.2MHz.
2
VIN
Adapter Input. Place a bypass capacitor close to this pin to prevent large input voltage spikes.
3
VCC
Internal Circuit Power Supply. Bypass to GND with a 100nF ceramic capacitor. This pin
CANNOT carry any load.
4
ILIM
Input Current Set. Connect to GND with an external resistor to program input current limit in
charge mode.
5
PWIN
Input pin to detect the presence of valid input power. Pulling this pin to GND will turn off the IN-
to-PMID pass through MOSFET.
6
TMR
Oscillator Period Timer. Connect a timing capacitor between this pin and GND to set the
oscillator period. Short to GND to disable the Timer function.
7
REG
Input Voltage Feedback for input voltage regulation loop. Connect to tap of an external resistor
divider from VIN to GND to program the input voltage regulation. Once the voltage at REG pin
drops to the inner threshold, the charge current is reduced to maintain the input voltage at the
regulation value.
8
ACOK
----------------
Valid Input Supply Indicator. Logic LOW on this pin indicates the presence of a valid power
supply.
9
FB
Boost Output Voltage Feedback.
10
NTC
Negative Temperature Coefficient (NTC) Thermistor.
11
ISET
Programmable Charge Current Pin. Connect an external resistor to GND to program the
charge current.
12
OLIM
Programmable Output-Current Limit for boost mode. Connect an external resistor to GND to
program the system current in boost mode.
13
AGND Analog Ground
14
VB
Programmable Battery-Full Voltage. Leave floating or connect to logic HIGH for 4.2V, while
Connect to GND for 3.6V.
15
BATT
Positive Battery Terminal / Battery Charge Current Sense Negative Input.
16
CSP
Battery Charge Current Sense, Positive Input.
17
BOOST
-------------------
Boost Mode Indicator. Logic LOW indicates boost mode in operation. This is an open drain pin
during charge mode or sleep mode.
18
CHG
------------
Charge Completion indicator. Logic LOW indicates charge mode. This is an open drain pin
during charge complete or suspended.
19
PGND,
Exposed
Pad
Power Ground. Connect the exposed pad and GND pin to the same ground plane.
20
SW
Switch Output Node. It is recommended not to place vias on the SW plane during PCB layout.
21, 22
PMID
Connect Point of Blocking Switch and High-side switch. A minimum of 22μF ceramic cap is
required to be placed as close as possible to the PMID and GND pins.
23
MODE Mode Select. Logic HIGH→boost mode. Logic LOW→charge mode.
24
EN
Charge Control Input. Logic HIGH enables charging. Logic LOW disables charging. Active only
when ACOK
__________
is low (input power is OK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com