Electronic Components Datasheet Search
  English  ▼

X  

MP2626 Datasheet(PDF) 30 Page - Monolithic Power Systems

Part # MP2626
Description  USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2626 Datasheet(HTML) 30 Page - Monolithic Power Systems

Back Button MP2626 Datasheet HTML 26Page - Monolithic Power Systems MP2626 Datasheet HTML 27Page - Monolithic Power Systems MP2626 Datasheet HTML 28Page - Monolithic Power Systems MP2626 Datasheet HTML 29Page - Monolithic Power Systems MP2626 Datasheet HTML 30Page - Monolithic Power Systems MP2626 Datasheet HTML 31Page - Monolithic Power Systems MP2626 Datasheet HTML 32Page - Monolithic Power Systems MP2626 Datasheet HTML 33Page - Monolithic Power Systems MP2626 Datasheet HTML 34Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
MP2626 – SINGLE CELL LI-ION SWITCHING CHARGER WITH USB OTG
MP2626 Rev. 1.0
www.MonolithicPower.com
30
2/28/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
NTC_hot
NTC _Cold
T2
NTC_ Cold
NTC_Hot
RR
(TL TH)
R
(1 TL) TH R
(1 TH) TH R
)
××
−
=
−×
×
− −
×
×
(18)
For example, the NCP18XH103 thermistor has
the following electrical characteristic:
At 0oC, RNTC_Cold=27.445kΩ;
At 50oC, RNTC_Hot=4.1601kΩ;
Base on equation (17) and equation (18),
RT1=6.65kΩ and RT2=24.9kΩ are suitable for an
NTC window between 0oC and 50oC
If no external NTC is available, connect RT1 and
RT2 to keep the voltage on the NTC pin within the
valid NTC window: e.g., RT1=RT2=10kΩ.
Figure 13: NTC Function Block
For Convenience, an NTC thermistor design
spreadsheet is also provided, please inquire if
necessary.
Setting the Output Voltage in Boost Mode
In the boost mode, the output voltage on the VIN
pin can be regulated to the value customer
required between 4.2V and 6V by the resistor
divider at FB pin as R1 and R2 in the typical
application circuit.
IN
R1 R2
V1.2V
R2
+
=×
(19)
Where, 1.2V is the voltage reference of boost
output voltage. With a typical value for R2, 10k
Ω,
R1 can be determined by:
IN
V1.2V
R1
R2
1.2V
−
=×
(20)
For example, for a 5V output voltage, R2 is 10k
Ω,
and R1 is 31.6k
Ω.
Setting the Output Current Limit in Boost
Mode
In the boost mode, connect a resistor form the
OLIM pin to AGND to program the output current
limit. The relationship between the output current
limit and setting resistor is as follows:
6
.
1
)
m
(
1
RS
)
A
(
I
2800
)
k
(
R
OLIM
OLIM
×
Ω
×
=
Ω
(21)
The output current limit of the boost can be
programmed up to 1.5A (min). Considering 15%
output current limit accuracy, typical 1.79A output
current limit is required. According to the above
equation, given 50mΩ sense resistor, 49.9kΩ
ROLIM will get 1.79A output current limit.
Selecting the Inductor
Inductor selection trades off between cost, size,
and efficiency. A lower inductance value
corresponds with smaller size, but results in
higher ripple currents, higher magnetic hysteretic
losses, and higher output capacitances. However,
a higher inductance value benefits from lower
ripple current and smaller output filter capacitors,
but results in higher inductor DC resistance (DCR)
loss.
Choose an inductor that does not saturate under
the worst-case load condition.
1. In Charge Mode
When MP2626 works in charge mode (as a Buck
Converter), estimate the required inductance as:
IN
BATT
BATT
L_ MAX
IN
S
VV
V
L
IV
f
−
=×
Δ
×
(22)
Where VIN, VBATT, and fSW are the typical input
voltage, the CC charge threshold, and the
switching frequency, respectively.
ΔIL_MAX is the
maximum inductor ripple current, which is usually
designed at 30% of the CC charge current.
With a typical 5V input voltage, 30% inductor
current ripple at the corner point between trickle
charge
and
CC
charge
(VBATT=3V),
the
inductance is 2.2
μH (for a 1.2MHz switching
frequency) and 4.4
μH (for a 600kHz switching
frequency).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com