Electronic Components Datasheet Search
  English  ▼

X  

MP2626 Datasheet(PDF) 33 Page - Monolithic Power Systems

Part # MP2626
Description  USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2626 Datasheet(HTML) 33 Page - Monolithic Power Systems

Back Button MP2626 Datasheet HTML 26Page - Monolithic Power Systems MP2626 Datasheet HTML 27Page - Monolithic Power Systems MP2626 Datasheet HTML 28Page - Monolithic Power Systems MP2626 Datasheet HTML 29Page - Monolithic Power Systems MP2626 Datasheet HTML 30Page - Monolithic Power Systems MP2626 Datasheet HTML 31Page - Monolithic Power Systems MP2626 Datasheet HTML 32Page - Monolithic Power Systems MP2626 Datasheet HTML 33Page - Monolithic Power Systems MP2626 Datasheet HTML 34Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
MP2626 – SINGLE CELL LI-ION SWITCHING CHARGER WITH USB OTG
MP2626 Rev. 1.0
www.MonolithicPower.com
33
2/28/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
1
2
LED1
2K
R9
1
2
LED2
2K
R10
1
2
LED3
2K R11
28K
RISET
100nF
CTMR
15K 1%
RILIM
JP1
JP2
JP3
VCC
10K
R6
10K
R7
10K
R8
5.1K
R6
VIN
PGND
22uF
CIN
1uF
C1
VCC
AGND
1uF
C2
100nF
C4
22uF
CSYS
49.9K
ROLM
4.7uH
1
2
L1
50m
RS1
SYS
22uF
C3
22uF
CBATT
BATT
10K
RT1
10K
RT2
NTC
10K
1
2
R5
1
1
3
3
JP4
PGND
VIN
SW
VCC
FB
SYS
LED
VBATT
NC
C5
NC
C6
22uF
C7
2
2
JP5
15K
R5
21.5K
R3
5.1K
R4
SYS
VBATT
SYS
SYS
VCC
31.6K
R1
10K
R2
2
1
NC
C8
PMID
0
R_Single
NC
R_Dual
VIN
B
F
PMID
FREQ
1
VIN
2
VCC
3
ILIM
4
PWIN
5
TMR
6
REG
7
ACOK
8
NTC
10
ISET
11
VB
14
BATT
15
CSP
16
BOOST
17
CHG
18
SW
20
MODE
23
EN
24
MP2626
U1
Figure 15: Detailed Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com