Electronic Components Datasheet Search
  English  ▼

X  

MP2637 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP2637
Description  2.5A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 2.4A Boost Current with Trickle Timer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2637 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP2637 Datasheet HTML 15Page - Monolithic Power Systems MP2637 Datasheet HTML 16Page - Monolithic Power Systems MP2637 Datasheet HTML 17Page - Monolithic Power Systems MP2637 Datasheet HTML 18Page - Monolithic Power Systems MP2637 Datasheet HTML 19Page - Monolithic Power Systems MP2637 Datasheet HTML 20Page - Monolithic Power Systems MP2637 Datasheet HTML 21Page - Monolithic Power Systems MP2637 Datasheet HTML 22Page - Monolithic Power Systems MP2637 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
MP2637 –2.5A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 2.4A BOOST
MP2637 Rev. 1.04
www.MonolithicPower.com
19
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION FLOW CHART (continued)
Charge Mode
/CHG Low
Charge Mode?
VBATT>VBATT_TC
VBATT>VBATT_FULL
ICHG<IBF
Battery Full
Charger “Off”,
/CHG is high
C.V.C
C.C.C
T.C.C
VBATT< VRECH ?
VBATT<VBATT_TC
VBATT_TC<VBATT<VBATT_FULL
VBATT>VBATT_FULL
No
Yes
No
Yes
Yes
No
Yes
Normal Operation
Charge Suspend,
/CHG is high
NTC OK?
TJ ≥150
oC?
TJ ≤120
oC?
Thermal
Shutdown, /CHG is
high
Fault Protection
Yes
Charge Recovery,
Return to Normal
Operation
Yes
No
Yes
No
Charge
Termination, /CHG
is high
Yes
NTC Fault?
No
Timer Out ?
No
Reset
Timer?
Yes
No
TJ ≥120
oC?
No
Decrease ICHG to
maintain TJ at 120
oC
Yes
No
Yes
No
Figure 4: Normal Operation and Fault Protection in Charge Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com