Electronic Components Datasheet Search
  English  ▼

X  

MP2637 Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MP2637
Description  2.5A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 2.4A Boost Current with Trickle Timer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2637 Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MP2637 Datasheet HTML 24Page - Monolithic Power Systems MP2637 Datasheet HTML 25Page - Monolithic Power Systems MP2637 Datasheet HTML 26Page - Monolithic Power Systems MP2637 Datasheet HTML 27Page - Monolithic Power Systems MP2637 Datasheet HTML 28Page - Monolithic Power Systems MP2637 Datasheet HTML 29Page - Monolithic Power Systems MP2637 Datasheet HTML 30Page - Monolithic Power Systems MP2637 Datasheet HTML 31Page - Monolithic Power Systems MP2637 Datasheet HTML 32Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
MP2637 –2.5A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 2.4A BOOST
MP2637 Rev. 1.04
www.MonolithicPower.com
28
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
voltage event happening at SYS side when
plugging in a wrong adapter.
IN
SYS
Charge
Pump
Q1
Q2
Figure12: Integrated Pass-through Path
Charge Current Setting
The external sense resistors, RS1 and RISET,
program the battery charge current, ICHG. Select
RISET based on RS1:
CHG
ISET
2400
I
(A)
R
(k ) RS1(m )
 
(5)
Battery Short Protection
The MP2637 has two current limit thresholds. CC
and CV modes have a peak current limit
threshold of 6.5A, while TC mode has a current
limit threshold of 3.2A. Therefore, the current limit
threshold decreases to 3.2A when the battery
voltage drops below the TC threshold. Moreover,
the switching frequency also decreases when the
BATT voltage drops to 40% of the charge-full
voltage.
Thermal Foldback Function
The MP2637 implements thermal protection to
prevent thermal damage to the IC and the
surrounding components. An internal thermal
sense
and
feedback
loop
automatically
decreases the programmed charge current when
the die temperature reaches 120°C. This function
is called the charge-current-thermal foldback. Not
only
this
function
protects
against
thermal
damage, it can also set the charge current based
on
requirements
rather
than
worst-case
conditions
while
ensuring
safe
operation.
Furthermore, the part includes thermal shutdown
protection where the ceases charging if the
junction temperature rises to 150°C.
Non-sync Operation Mode
During charging mode, the MP2637 continuously
monitors the total input current flowing from IN
pin to SYS pin. When the input current is lower
than 170mA, the low side switch operates as a
non-synchronous MOSFET.
Constant-Off-Time Control for Large Duty
Charging Operation
The MP2637 has a built-in 600kHz frequency
oscillator for the switching frequency. Unlike a
traditional fixed frequency, the MP2637 features
a constant off time control to support constant-
current charge even when the input voltage is
very close to battery voltage. As shown in the
Figure 13, the MP2637 continuously compares
the high-side FET sense current with comp level,
if the sense current doesn
’t reach the comp level
within the original switching period, the next clock
will be delayed until the sense current reaches
the comp level. As a result the duty cycle is able
to be extended as large as possible.
Full Operation Indication
The
MP2637
integrates
indicators
for
the
following conditions as shown in Table2.
The blinking frequency is:
Blinking
TMR
1( A)
F
0.8 C
( F)

(6)
Table 2: Indicator for Each Operation Mode
Operation
ACOK
----------------
CHG
------------
BOOST
-------------------
Charge
Mode
In Charging
Low
Low
High
End of Charge,
Charging
disabled,
Battery OVP
High
NTC Fault,
Timer Out
Blinking
Boost Mode
High
High
Low
Sleep Mode
High
High
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com