Electronic Components Datasheet Search
  English  ▼

X  

MP2637 Datasheet(PDF) 31 Page - Monolithic Power Systems

Part # MP2637
Description  2.5A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 2.4A Boost Current with Trickle Timer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2637 Datasheet(HTML) 31 Page - Monolithic Power Systems

Back Button MP2637 Datasheet HTML 27Page - Monolithic Power Systems MP2637 Datasheet HTML 28Page - Monolithic Power Systems MP2637 Datasheet HTML 29Page - Monolithic Power Systems MP2637 Datasheet HTML 30Page - Monolithic Power Systems MP2637 Datasheet HTML 31Page - Monolithic Power Systems MP2637 Datasheet HTML 32Page - Monolithic Power Systems MP2637 Datasheet HTML 33Page - Monolithic Power Systems MP2637 Datasheet HTML 34Page - Monolithic Power Systems MP2637 Datasheet HTML 35Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
MP2637 –2.5A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 2.4A BOOST
MP2637 Rev. 1.04
www.MonolithicPower.com
31
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Charge Current in Charge Mode
In charge mode, both the external sense resistor,
RS1, and the resistor RISET connect to the ISET
pin to set the charge current (ICHG) of the MP2637
(see the Typical Application circuit).
Given ICHG and RS1, RISET can be calculated as:
ISET
CHG
2400
R
(k )
I
(A) RS1(m )


(8)
For example, for ICHG
=2.5A, and RS1=20mΩ,
thus: RISET=
48kΩ.
Setting the Input Current Limiting in Charge
Mode
In charge mode, connect a resistor from the ILIM
pin to AGND to program the input current limit.
The relationship between the input current limit
and setting resistor is as following:
ILIM
IN _ LIM
45
R
(k )
I
(A)

(9)
where RILIM must exceed 16.5
kΩ, so that IIN_LIM is
in the range of 0A to 2.7A.
For
most
applications,
use
RILIM
= 50
kΩ
(IUSB_LIM=900mA) for USB3.0 mode, and use RILIM
= 90
kΩ (I
USB_LIM=500mA) for USB2.0 mode.
Setting the Input Voltage Range for Different
Operation Modes
A resistive voltage divider from the input to PWIN
pin determines the operating mode of MP2637.
PWIN
IN
R6
V
V
(V)
R4 R6

(10)
If the voltage on PWIN is between 0.8V and
1.15V, the MP2637 works in the charge mode.
While the voltage on the PWIN pin is not in the
range of 0.8V to 1.15V and VIN > 2V, the
MP2637 works in the boost mode (see Table 1)).
For a wide operating range, use a maximum
input voltage of 6V as the upper threshold for a
voltage ratio of:
PWIN
IN
V
1.15
R6
V
6
R4 R6

(11)
With the given R6, R4 is then:
IN
PWIN
PWIN
VV
R4
R6
V

(12)
For a typical application, start with R6=5.1k
Ω, R4
is 21.5k
Ω.
Setting
the
Input
Voltage
Regulation
in
Charge Mode
In charge mode, connect a resistor divider from
the IN pin to AGND with tapped to REG pin to
program the input voltage regulation.
IN _ R
REG
R3 R5
V
V
(V)
R5

(13)
With the given R5, R3 is:
IN _ R
REG
REG
VV
R3
R5(V)
V

(14)
For a preset input voltage regulation value, say
4.75V, start with R5=5.1kΩ, R3 is 15kΩ.
NTC Function in Charge Mode
Figure 14 shows that an internal resistor divider
sets the low temperature threshold (VTL) and high
temperature threshold (VTH) at 66.6%·VSYS and
35%·VSYS,
respectively.
For
a
given
NTC
thermistor, select an appropriate RT1 and RT2 to
set the NTC window.
%
6
.
66
TL
NTC_Cold
T2
T1
NTC_Cold
T2
SYS
TL
//R
R
R
//R
R
V
V
(15)
%
35
TH
NTC_Hot
T2
T1
NTC_Hot
T2
SYS
TH
//R
R
R
//R
R
V
V
(16)
Where RNTC_Hot is the value of the NTC resistor at
the upper bound of its operating temperature
range, and RNTC_Cold is its lower bound.
The two resistors, RT1 and RT2, independently
determine the upper and lower temperature limits.
This flexibility allows the MP2637 to operate with
most NTC resistors for different temperature
range requirements. Calculate RT1 and RT2 as
follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com