Electronic Components Datasheet Search
  English  ▼

X  

MP2637 Datasheet(PDF) 32 Page - Monolithic Power Systems

Part # MP2637
Description  2.5A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 2.4A Boost Current with Trickle Timer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2637 Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MP2637 Datasheet HTML 28Page - Monolithic Power Systems MP2637 Datasheet HTML 29Page - Monolithic Power Systems MP2637 Datasheet HTML 30Page - Monolithic Power Systems MP2637 Datasheet HTML 31Page - Monolithic Power Systems MP2637 Datasheet HTML 32Page - Monolithic Power Systems MP2637 Datasheet HTML 33Page - Monolithic Power Systems MP2637 Datasheet HTML 34Page - Monolithic Power Systems MP2637 Datasheet HTML 35Page - Monolithic Power Systems MP2637 Datasheet HTML 36Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
MP2637 –2.5A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 2.4A BOOST
MP2637 Rev. 1.04
www.MonolithicPower.com
32
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
NTC_Hot
NTC_Cold
T1
NTC_Cold
NTC_Hot
R
R
(TL
TH)
R
TH TL (R
R
)
(17)
NTC_Cold
NTC_Hot
T2
NTC_Cold
NTC_Hot
(TL TH) R
R
R
(1 TL) TH R
-(1-TH) TL R
(18)
For example, the NCP18XH103 thermistor has
the following electrical characteristic:
At 0°C, RNTC_Cold = 27.445kΩ;
At 50°C, RNTC_Hot = 4.1601kΩ.
Based on equation (17) and equation (18),
RT1=6.65
kΩ and RT2 = 25.63kΩ are suitable for
an NTC window between 0°C and 50°C. Chose
approximate
values:
e.g.,
RT1=6.65kΩ
and
RT2=25.5kΩ.
If no external NTC is available, connect RT1 and
RT2 to keep the voltage on the NTC pin within the
valid NTC window: e.g., RT1 = RT2 = 10kΩ.
NTC
SYS
Low Temp Threshold
High Temp Threshold
RNTC
RT1
RT2
VTL
VTH
Figure 14: NTC Function Block
For convenience, an NTC thermistor design
spreadsheet is also provided, please inquire if
necessary.
Setting the System Voltage in Boost Mode
In the boost mode, the system voltage can be
regulated
to
the
value
customer
required
between 4.2V to 6V by the resistor divider at FB
pin as R1 and R2 in the typical application circuit.
SYS
R1 R2
V
1.2V
R2

(19)
where 1.2V is the voltage reference of SYS. With
a typical value for R2, 10kΩ, R1 can be
determined by:
SYS
V
1.2V
R1 R2
(V)
1.2V

(20)
For example, for a 5V system voltage, R2 is
10kΩ, and R1 is 31.6kΩ.
Setting the Output Current Limit in Boost
Mode
In boost mode, connect a resistor from the OLIM
pin to AGND to program the output current limit.
The relationship between the output current limit
and setting resistor is as follows:
OLIM
OLIM
2400
I
(A)
R
(k ) RS1(m )
 
(21)
The output current limit of the boost can be
programmed up to 2.1A (min). Considering 10%
output current limit accuracy, typical 2.3A output
current limit is required. According to the above
equation, given 20m
Ω sense resistor, 52k R
OLIM
will get 2.3A output current limit.
For safety operation, ROLIM CANNOT be lower
than 47.5kΩ
Selecting the Inductor
Inductor selection trades off between cost, size,
and
efficiency.
A
lower
inductance
value
corresponds with smaller size, but results in
higher current ripple, higher magnetic hysteretic
losses, and higher output capacitances. However,
a higher inductance value benefits from lower
ripple current and smaller output filter capacitors,
but results in higher inductor DC resistance (DCR)
loss.
Choose an inductor that does not saturate under
the worst-case load condition.
1. In Charge Mode
When MP2637 works in charge mode (as a Buck
Converter), estimate the required inductance as:
IN
BATT
BATT
L _ MAX
IN
SW
V
V
V
L
I
V
f


(22)
where VIN, VBATT, and fS are the typical input
voltage, the CC charge threshold, and the
switching frequency, respectively.
ΔI
L_MAX is the
maximum peak-to-peak inductor current, which is
usually designed at 30%-40% of the CC charge
current.
With a typical 5V input voltage, 35% inductor
current ripple at the corner point between trickle
charge and CC charge (VBATT=3V, Ichg=2.5A),
the inductance 2.2
μH.
2. In Boost Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com