Electronic Components Datasheet Search
  English  ▼

X  

MP2637 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2637
Description  2.5A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 2.4A Boost Current with Trickle Timer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2637 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2637 Datasheet HTML 1Page - Monolithic Power Systems MP2637 Datasheet HTML 2Page - Monolithic Power Systems MP2637 Datasheet HTML 3Page - Monolithic Power Systems MP2637 Datasheet HTML 4Page - Monolithic Power Systems MP2637 Datasheet HTML 5Page - Monolithic Power Systems MP2637 Datasheet HTML 6Page - Monolithic Power Systems MP2637 Datasheet HTML 7Page - Monolithic Power Systems MP2637 Datasheet HTML 8Page - Monolithic Power Systems MP2637 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
MP2637
2.5A Single Cell Switch Mode Battery Charger
with Power Path Management (PPM)
and 2.4A Boost Current with Trickle Timer
MP2637 Rev. 1.04
www.MonolithicPower.com
1
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP2637 is a highly-integrated, flexible,
switch-mode battery charger with system power
path management, designed for single-cell Li-
ion or Li-Polymer batteries used in a wide range
of applications.
The MP2637 can operate in both charge mode
and boost mode to allow full system and battery
power management.
When input power is present, the device
operates in charge mode. It automatically
detects the battery voltage and charges the
battery in three phases: trickle current, constant
current and constant voltage. Other features
include charge termination and auto-recharge.
This device also integrates both input current
limit and input voltage regulation in order to
manage input power and meet the priority of the
system power demand.
In the absence of an input source, the MP2637
switches to boost mode through the MODE pin
to power the SYS pins from the battery. The
OLIM pin programs the output current limit in
boost mode. The MP2637 also allows for output
short circuit protection to completely disconnect
the battery from the load in the event of a short
circuit fault. Normal operation will recover as
soon as the short circuit fault is removed. The
MP2637 provides full operating status indication
to distinguish charge mode from boost mode.
To guarantee safe operation, the MP2637 limits
the die temperature to a preset value of 120
oC.
Other safety features include input over-voltage
protection,
battery
over-voltage
protection,
thermal
shutdown,
battery
temperature
monitoring, and a programmable timer to
prevent prolonged charging of a dead battery.
FEATURES
 Up to 16V Sustainable Input Voltage
 4.5V-to-6V Operating Input Voltage Range
 Power Management function, Integrated
Input-Current
Limit,
Input
Voltage
Regulation
 Up to 2.5A Programmable Charge Current
 Trickle-Charge Function
 Selectable 4.2V/ 4.35V Charge Voltage with
0.5% Accuracy
 Negative Temperature Coefficient Pin for
Battery Temperature Monitoring
 Programmable Timer Back-Up Protection
 Thermal Regulation and Thermal Shutdown
 Internal Battery Reverse Leakage Blocking
 Integrated Over Voltage Protection and
Over Current Protection for Pass-Through
Path
 Reverse Boost Operation Mode for System
Power
 Up to 2.4A Programmable Output Current
Limit for Boost Mode
 Integrated Short Circuit Protection and
Output Over Voltage Protection for Boost
Mode
APPLICATIONS
 Sub-Battery Applications
 Power-Bank Applications for Smart-Phone
Tablet and Other Portable Devices
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.


Similar Part No. - MP2637

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2631 MPS-MP2631 Datasheet
540Kb / 9P
28V, 1A, Li-lon, Linear Battery Charger with 10mA High Voltage LDO
MP2631DQ MPS-MP2631DQ Datasheet
540Kb / 9P
28V, 1A, Li-lon, Linear Battery Charger with 10mA High Voltage LDO
MP2632 MPS-MP2632 Datasheet
2Mb / 37P
All-in-One, 3A Battery Charger with 3A Boost Current
MP2632B MPS-MP2632B Datasheet
1Mb / 43P
All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
MP2632BGR MPS-MP2632BGR Datasheet
1Mb / 43P
All-In-One, 3A, Battery Charger with 3A Boost Current with Independent Torch-On and BATT_UVLO Latch-Off Funtion
More results

Similar Description - MP2637

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
logo
Monolithic Power System...
MP2633 MPS-MP2633 Datasheet
928Kb / 33P
1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2635 MPS-MP2635 Datasheet
1Mb / 33P
2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
logo
Texas Instruments
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
logo
Monolithic Power System...
MP2633A MPS-MP2633A Datasheet
1Mb / 33P
1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2635A MPS-MP2635A Datasheet
1Mb / 33P
2A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
MP2636 MPS-MP2636 Datasheet
2Mb / 40P
3.0A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 3.0A System Boost Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com