Electronic Components Datasheet Search
  English  ▼

X  

MP2660 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2660
Description  5V USB, 500mA, I2C-Controlled Linear Charger with Power Path Management for Single-Cell Li-Ion Battery
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2660 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2660 Datasheet HTML 13Page - Monolithic Power Systems MP2660 Datasheet HTML 14Page - Monolithic Power Systems MP2660 Datasheet HTML 15Page - Monolithic Power Systems MP2660 Datasheet HTML 16Page - Monolithic Power Systems MP2660 Datasheet HTML 17Page - Monolithic Power Systems MP2660 Datasheet HTML 18Page - Monolithic Power Systems MP2660 Datasheet HTML 19Page - Monolithic Power Systems MP2660 Datasheet HTML 20Page - Monolithic Power Systems MP2660 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
MP2660
– 0.5A, 1-CELL CHARGER W/ I2C CONTROL, POWER PATH
MP2660 Rev. 1.01
www.MonolithicPower.com
17
1/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Once the charge current reaches the EOC
current threshold (IBF) and the CV loop is still
dominated, the IC has three possible actions
after a 500µs delay depending on the settings
of EN_BF (reg05 bit[6]) and TERM_TMR (reg05
bit[0]):
1. EN_BF = 1, TERM_TMR = 0, (default spec):
The IC terminates the charge and changes
the charge status to
“charge done.”
2. EN_BF = 1, TERM_TMR = 1: The IC
changes the charge status to
“charge done,”
but the charge current continues tapering off
until it reaches 0.
3. EN_BF = 0, TERM_TMR = x: The charge
status stays at
“charge,” but the charge
current
continues
tapering
off
until
it
reaches 0.
During the charging process, the actual charge
current may be less than the register setting
due to other loop regulations, such as dynamic
power
management
(DPM)
regulation
or
thermal regulation. Refer to the Input Current-
and Input Voltage-Based Power Management
section for details.
If IBF is not reached before the safety charge
timer expires (see Safety Timer section), the
charge cycle is ceased and corresponding
timeout fault signal is asserted.
The following conditions can start a new charge
cycle:
The input power is recycled
Battery charging is enabled by the I
2C
Auto-recharge kicks in
However, these conditions can stop a charge
cycle:
No thermistor fault at NTC
No safety timer fault
No battery over voltage
BATFET is not forced to turn off
Automatic Recharge
When the battery is fully charged and charging
is terminated, the battery may be discharged
due to the system consumption or a self-
discharge.
When
the
battery
voltage
is
discharged below the recharge threshold, and
VIN is still in the operating range, the IC begins
another
new
charging
cycle
automatically
without the requirement of restarting a charging
cycle manually. The auto-recharge function is
valid only when EN_BF = 1 and TERM_TMR =
0.
Battery Over-Voltage Protection (OVP)
The IC is designed with a built-in battery over-
voltage limit about 120mV higher than VBATT_REG.
When the battery over-voltage event occurs,
the IC suspends the charging immediately and
asserts a fault.
Input Current-
and Input
Voltage-Based
Power Management
To meet the input source (usually USB)
maximum current limit specification, the IC uses
an input current-based power management by
monitoring the input current continuously. The
total input current limit can be programmable
via the I
2C to prevent the input source from
overloading.
If the pre-set input current limit is higher than
the rating of the input source, back-up input
voltage-based power management also works
to
prevent
the
input
source
from
being
overloaded. If either the input current limit or the
input voltage regulation is reached, the Q1
MOSFET between IN and SYS is regulated so
that the total input power is limited. As a result,
the system voltage drops. Once the system
declines to the minimum value of 4.8V or
VSYS_REG - 200mV, the charge current is
reduced to prevent the system voltage from
dropping further.
The
voltage-based
dynamic
power
management (DPM) regulates the input voltage
to VIN_REG when the load is over the input power
capacity. VIN_REG set via the I
2C should be at
least 500mV higher than VBATT_REG to ensure the
stable operation of the regulator.
Battery Supplement Mode
The charge current is reduced to keep the input
current or input voltage in regulation when DPM
occurs. If the charge current is at zero and the
input source is still overloaded due to a heavy
system load, the system voltage starts to fall off.
Once the system voltage falls below the battery
voltage, the IC enters battery supplement mode.
When the system voltage is 30mV below the
battery voltage, the ideal diode mode is enabled.
The battery MOSFET is regulated to maintain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com