Electronic Components Datasheet Search
  English  ▼

X  

MP2660 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2660
Description  5V USB, 500mA, I2C-Controlled Linear Charger with Power Path Management for Single-Cell Li-Ion Battery
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2660 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2660 Datasheet HTML 1Page - Monolithic Power Systems MP2660 Datasheet HTML 2Page - Monolithic Power Systems MP2660 Datasheet HTML 3Page - Monolithic Power Systems MP2660 Datasheet HTML 4Page - Monolithic Power Systems MP2660 Datasheet HTML 5Page - Monolithic Power Systems MP2660 Datasheet HTML 6Page - Monolithic Power Systems MP2660 Datasheet HTML 7Page - Monolithic Power Systems MP2660 Datasheet HTML 8Page - Monolithic Power Systems MP2660 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MP2660
– 0.5A, 1-CELL CHARGER W/ I2C CONTROL, POWER PATH
MP2660 Rev. 1.01
www.MonolithicPower.com
4
1/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
I/O
Description
A1
IN
Power
Input power. Place a ceramic capacitor (
≥1μF) from IN to GND as close to the
IC as possible.
A2
SYS
Power
System power supply. Place a ceramic capacitor (
≥2.2μF) from SYS to GND as
close to the IC as possible.
A3
BATT
Power
Battery. Place a ceramic capacitor (
≥2.2μF) from BATT to GND as close to the
IC as possible.
B1
NTC
I
Temperature
sense
input. Connect a negative temperature coefficient
thermistor to NTC. Program the hot and cold temperature window with a resistor
divider from IN to NTC to GND. The charge is suspended when NTC is out of the
range.
B2
INT
O
Open-drain interrupt output. INT can send the charging status and fault
interruption to the host. INT is used as the battery disconnection control as well.
Pull INT low for >8s to disconnect the battery from the system. The external pull-
up resistor at INT should be no
smaller than 100kΩ.
B3
VDD
I
Internal control power supply. Connect a ceramic capacitor (0.1µF) from VDD
to GND. No external load is allowed on VDD.
C1
SDA
I/O
I
2C Interface data. Connect SDA to the logic rail through a 10kΩ resistor.
C2
SCL
I/O
I
2C Interface clock. Connect SCL to the logic rail through a 10kΩ resistor.
C3
GND
Power
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com