Electronic Components Datasheet Search
  English  ▼

X  

MP2660 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2660
Description  5V USB, 500mA, I2C-Controlled Linear Charger with Power Path Management for Single-Cell Li-Ion Battery
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2660 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2660 Datasheet HTML 3Page - Monolithic Power Systems MP2660 Datasheet HTML 4Page - Monolithic Power Systems MP2660 Datasheet HTML 5Page - Monolithic Power Systems MP2660 Datasheet HTML 6Page - Monolithic Power Systems MP2660 Datasheet HTML 7Page - Monolithic Power Systems MP2660 Datasheet HTML 8Page - Monolithic Power Systems MP2660 Datasheet HTML 9Page - Monolithic Power Systems MP2660 Datasheet HTML 10Page - Monolithic Power Systems MP2660 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
MP2660
– 0.5A, 1-CELL CHARGER W/ I2C CONTROL, POWER PATH
MP2660 Rev. 1.01
www.MonolithicPower.com
7
1/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5.0V, VBATT = 3.5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply current at BATT
input
IBATT
VIN = 5V, CE = L, ISYS = 0A,
VBATT = 4.3V
33
µA
VIN = 0V, CE = H, ISYS = 0A,
VBATT = 4.35V
11
14
VBATT = 4.5V, VIN = VSYS = GND,
FET_DIS = 1, disconnect mode
4.512
5.017
BATT input to SYS switch
on resistance
RON_BATT
VIN < 2V, VBATT = 3.5V,
ISYS = 100mA
100
150
m
Ω
BATT to SYS current limit
IBATT_MAX
Program range
200
1600
(5)
mA
BATT to SYS switch
leakage
VBATT = 4.5V, VIN = VSYS = GND,
disconnect mode
1
µA
SYS reverse to BATT
switch leakage
VSYS = 6V, VIN = 4.5V,
VBATT = GND, CE = H
1.2
µA
Battery discharge function
controlled by INT
(5)
tINT
INT pull low lasting time to turn off
the battery discharge function
8
s
Battery MOSFET lasts for the off
time before auto-on
500
ms
Battery Charger
Battery voltage regulation
range
VBATT_REG
Programmable using I
2C
3.600
4.545
V
Battery voltage regulation
(VBATT_REG = 4.2V)
VBATT
T = +25°C, IBATT = 15mA
4.179
4.200
4.221
V
Battery charge full voltage
[I
2C]
VBATT_REG
VBATT_REG = 4.2V,
reg04 bit[7,2] = 101000
4.179
4.200
4.221
V
VBATT_REG = 4.35V,
reg04 bit[7,2] = 110010
4.328
4.350
4.372
Constant current regulation
for charging
ICHG
VIN = 5V, VBATT = 3.8V,
programmable range
8
535
(5)
mA
VIN = 5V, VBATT = 3.8V,
ICHG = 76mA (setting)
65
76
87
VIN = 5V, VBATT = 3.8V,
ICHG = 246mA (setting)
220
245
270
Charging current thermal
fold-back threshold
(5)
Junction temperature regulation
reg06 bit[1,0] = 11 -
Thermal_limit=120 2°C
120
°C
Trickle current
ITC
Program range
6
27
mA
ITC_setting = 20mA,
reg03 bit[1:0] = 10
13.0
16.5
20.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com