Electronic Components Datasheet Search
  English  ▼

X  

MP2660 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2660
Description  5V USB, 500mA, I2C-Controlled Linear Charger with Power Path Management for Single-Cell Li-Ion Battery
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2660 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2660 Datasheet HTML 4Page - Monolithic Power Systems MP2660 Datasheet HTML 5Page - Monolithic Power Systems MP2660 Datasheet HTML 6Page - Monolithic Power Systems MP2660 Datasheet HTML 7Page - Monolithic Power Systems MP2660 Datasheet HTML 8Page - Monolithic Power Systems MP2660 Datasheet HTML 9Page - Monolithic Power Systems MP2660 Datasheet HTML 10Page - Monolithic Power Systems MP2660 Datasheet HTML 11Page - Monolithic Power Systems MP2660 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MP2660
– 0.5A, 1-CELL CHARGER W/ I2C CONTROL, POWER PATH
MP2660 Rev. 1.01
www.MonolithicPower.com
8
1/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5.0V, VBATT = 3.5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
End of charge (EOC)
current threshold
IBF
ICHG_SETTING ≤ 263mA, (reg02 bit[4]
= 0), ITC_SETTING = 6mA
4.0
6.5
8.5
mA
ICHG_SETTING ≤ 263mA, (reg02 bit[4]
= 0), ITC_SETTING = 13mA
10.0
13.0
16.5
ICHG_SETTING ≤ 263mA, (reg02 bit[4]
= 0), ITC_SETTING = 20mA
16
20
24
ICHG_SETTING ≤ 263mA, (reg02 bit[4]
= 0), ITC_SETTING = 27mA
22
27
31
ICHG_SETTING ≥ 280mA, (reg02 bit[4]
= 1), ITC_SETTING = 6mA
10.0
13.0
16.5
ICHG_SETTING ≥ 280mA, (reg02 bit[4]
= 1), ITC_SETTING = 13mA
22
27
32
ICHG_SETTING ≥ 280mA, (reg02 bit[4]
= 1), ITC_SETTING = 20mA
34
41
48
ICHG_SETTING ≥ 280mA, (reg02 bit[4]
= 1), ITC_SETTING = 27mA
48.0
56.5
65.0
Trickle charge threshold
voltage
VBATT_LOW VBATT rising, set VBATT_LOW = 3.0V
2.8
3.0
3.1
V
Trickle voltage hysteresis
88
mV
Recharge threshold below
VBATT_REG
VRECHG
Reg04[0] = 0
130
170
210
mV
Reg04[0] = 1
270
320
370
Thermal Protection
Thermal shutdown rising
threshold
(5)
150
°C
Thermal shutdown
hysteresis
(5)
20
°C
NTC output current
INTC
CE = L, VNTC = 3V
-100
0
100
nA
NTC cold temp rising
threshold
VCOLD
As a percentage of VIN
64
66
68
%
NTC cold temp rising
threshold hysteresis
28
mV
NTC hot temp falling
threshold
VHOT
As a percentage of VIN
33
35
37
%
NTC hot temp falling
threshold hysteresis
65
mV
Logic I/O Pin Characteristics
(5)
Low logic voltage threshold
VL
0.4
V
High logic voltage
threshold
VH
1.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com