Electronic Components Datasheet Search
  English  ▼

X  

MP2660 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2660
Description  5V USB, 500mA, I2C-Controlled Linear Charger with Power Path Management for Single-Cell Li-Ion Battery
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2660 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2660 Datasheet HTML 1Page - Monolithic Power Systems MP2660 Datasheet HTML 2Page - Monolithic Power Systems MP2660 Datasheet HTML 3Page - Monolithic Power Systems MP2660 Datasheet HTML 4Page - Monolithic Power Systems MP2660 Datasheet HTML 5Page - Monolithic Power Systems MP2660 Datasheet HTML 6Page - Monolithic Power Systems MP2660 Datasheet HTML 7Page - Monolithic Power Systems MP2660 Datasheet HTML 8Page - Monolithic Power Systems MP2660 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
MP2660
5V USB, 500mA, I
2C-Controlled Linear
Charger with Power Path Management
for Single-Cell Li-Ion Battery
MP2660 Rev. 1.01
www.MonolithicPower.com
1
1/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP2660 is a highly integrated, single-cell,
Li-ion/Li-polymer battery charger with system
power
path management for
space-limited
portable applications. This device takes input
power from either an AC adapter or a USB port
to supply the system load and charge the
battery independently. The charger section
features trickle charge, constant current (CC)
and constant voltage (CV) regulation, charge
termination, and charge status.
The power path management function ensures
continuous power to the system even with a
dead battery by automatically selecting the
input, the battery, or both to power the system.
This power stage features a low dropout
regulator from the input to the system and a
100mΩ switch from the battery to the system.
Power
path
management
separates
the
charging current from the system load, which
allows for proper charge termination and keeps
the battery in full-charge mode.
The MP2660
provides
system
short-circuit
protection (SCP) by limiting the current from the
input to the system and the battery to the
system. This feature is especially critical for
preventing
the
Li-ion
battery
from
being
damaged due to excessively high currents. An
on-chip battery under-voltage lockout (UVLO)
cuts off the path between the battery and the
system if the battery voltage drops below the
programmable battery UVLO threshold, which
prevents the Li-ion battery from being over-
discharged. An integrated I
2C control interface
allows the MP2660 to program the charging
parameters including the input current limit,
input voltage regulation limit, charging current,
battery regulation voltage, safety timer, and
battery UVLO.
The MP2660 is available in a 9-pin WCSP
(1.55mmx1.55mm) package.
FEATURES
 Compatible with 5V USB power sources
 Fully Autonomous Charger for Single-Cell
Li-Ion/Li-Polymer Batteries
 Complete Power Path Management for
Simultaneously Powering the System and
Charging the Battery
 Programmable Input Current Limit and
Minimum
Input
Voltage
Regulation
Thresholds
 ±0.5% Charging Voltage Accuracy
 13V Maximum Voltage for the Input Source
 I2C Interface for Programming Charging
Parameters and Status Reporting
 Fully Integrated Power Switches and No
External Blocking Diode Required
 Built-In
Robust
Charging
Protection
Including Battery Temperature Monitoring
and Programmable Timer
 Built-In Battery Disconnection Function for
shipping mode
 Thermal Limiting Regulation on the Chip
 Available in a ultra-compact WCSP-9
(1.55mmx1.55mm) Package
APPLICATIONS
 Wearable Devices
 Smart Handheld Devices
 Fitness Accessories
 Smart Watches
 Bluetooth Headphones
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP2660

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
MP2667GG MPS-MP2667GG Datasheet
1Mb / 35P
5V USB, 1000mA, I 2C-Controlled Linear Charger with Power Path Management for Single-Cell, Li-Ion Battery in QFN Package
Rev. 1.0
More results

Similar Description - MP2660

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
logo
Richtek Technology Corp...
RT9503 RICHTEK-RT9503 Datasheet
340Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9503A RICHTEK-RT9503A Datasheet
347Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9519A RICHTEK-RT9519A Datasheet
369Kb / 17P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9519B RICHTEK-RT9519B Datasheet
386Kb / 18P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Monolithic Power System...
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
EVKT-MP2662 MPS-EVKT-MP2662 Datasheet
525Kb / 2P
MP2662 Evaluation Kit 500mA, I2C Controlled Battery Charger with Power-Path Management, 1mA Termination and <1關A Battery Leakage for Single-Cell Li-Ion Battery
logo
TECH PUBLIC Electronics...
TP4057 TECHPUBLIC-TP4057 Datasheet
4Mb / 6P
500mA Linear Li-Ion Battery Charger
2021.06.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com