Electronic Components Datasheet Search
  English  ▼

X  

CCS811 Datasheet(PDF) 9 Page - ams AG

Part # CCS811
Description  Ultra-Low Power Digital Gas Sensor for Monitoring Indoor Air Quality
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CCS811 Datasheet(HTML) 9 Page - ams AG

Back Button CCS811 Datasheet HTML 5Page - ams AG CCS811 Datasheet HTML 6Page - ams AG CCS811 Datasheet HTML 7Page - ams AG CCS811 Datasheet HTML 8Page - ams AG CCS811 Datasheet HTML 9Page - ams AG CCS811 Datasheet HTML 10Page - ams AG CCS811 Datasheet HTML 11Page - ams AG CCS811 Datasheet HTML 12Page - ams AG CCS811 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ams Datasheet
Page 9
[v1-05] 2018-May-01
Document Feedback
CCS811 − Detailed Description
Conditioning Period (Run-In)
After early-life (Burn-In) use the conditioning period is the time
required to achieve good sensor stability before measuring
VOCs after long idle period.
After writing to MEAS_MODE to configure the sensor in mode
1-4, run CCS811 for 20 minutes, before accurate readings are
generated.
The conditioning period must also be observed before writing
to the BASELINE register.
eCO2
The equivalent CO2 (eCO2) output range for CCS811 is from
400ppm up to 32768ppm.
eTVOC
The equivalent Total Volatile Organic Compound (eTVOC)
output range for CCS811 is from 0ppb up to 32768ppb.
Temperature and Humidity Compensation
If an external sensor is available this information can be written
to CCS811 so that they will be used to compensate gas readings
due to temperature and humidity changes. Refer to the
ENV_DATA (Environment Data) Register (0x05).
Interrupt and Interrupt on Threshold
At the end of each measurement cycle (250ms, 1s, 10s, 60s) a
flag is set and optionally interrupt (nINT) pin asserted. Refer to
the MEAS_MODE (Measurement and Conditions) Register
(0x01). The user can choose to only assert nINT if the eCO2 value
changes into a different range set by register values. Refer to the
THRESHOLDS Register (0x10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com