Electronic Components Datasheet Search
  English  ▼

X  

CCS811 Datasheet(PDF) 21 Page - ams AG

Part # CCS811
Description  Ultra-Low Power Digital Gas Sensor for Monitoring Indoor Air Quality
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CCS811 Datasheet(HTML) 21 Page - ams AG

Back Button CCS811 Datasheet HTML 17Page - ams AG CCS811 Datasheet HTML 18Page - ams AG CCS811 Datasheet HTML 19Page - ams AG CCS811 Datasheet HTML 20Page - ams AG CCS811 Datasheet HTML 21Page - ams AG CCS811 Datasheet HTML 22Page - ams AG CCS811 Datasheet HTML 23Page - ams AG CCS811 Datasheet HTML 24Page - ams AG CCS811 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
ams Datasheet
Page 21
[v1-05] 2018-May-01
Document Feedback
CCS811 − Application Register Overview
ERROR_ID (Error Identifier) Register (0xE0)
If the ERR bit [0] of the STATUS Register is set, this single byte
read only register indicates source(s) of the error.
Figure 21:
ERROR_ID Register Codes
Bit
ERROR_CODE
Description
0
WRITE_REG_INVALID
The CCS811 received an I²C write request addressed to this station but with
invalid register address ID
1
READ_REG_INVALID
The CCS811 received an I²C read request to a mailbox ID that is invalid
2
MEASMODE_INVALID
The CCS811 received an I²C request to write an unsupported mode to
MEAS_MODE
3
MAX_RESISTANCE
The sensor resistance measurement has reached or exceeded the maximum
range
4
HEATER_FAULT
The Heater current in the CCS811 is not in range
5
HEATER_SUPPLY
The Heater voltage is not being applied correctly
6-
Reserved for Future Use
7-
Reserved for Future Use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com