Electronic Components Datasheet Search
  English  ▼

X  

CCS811 Datasheet(PDF) 19 Page - ams AG

Part # CCS811
Description  Ultra-Low Power Digital Gas Sensor for Monitoring Indoor Air Quality
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CCS811 Datasheet(HTML) 19 Page - ams AG

Back Button CCS811 Datasheet HTML 15Page - ams AG CCS811 Datasheet HTML 16Page - ams AG CCS811 Datasheet HTML 17Page - ams AG CCS811 Datasheet HTML 18Page - ams AG CCS811 Datasheet HTML 19Page - ams AG CCS811 Datasheet HTML 20Page - ams AG CCS811 Datasheet HTML 21Page - ams AG CCS811 Datasheet HTML 22Page - ams AG CCS811 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
ams Datasheet
Page 19
[v1-05] 2018-May-01
Document Feedback
CCS811 − Application Register Overview
THRESHOLDS Register (0x10)
If ‘interrupt on threshold change’ has been set in the Mode
register (see above), the values in this multi- byte write only
register are used to determine the thresholds.
Figure 18:
Thresholds Register Byte Order
An interrupt is asserted if the eCO2 value moved from the
current range (Low, Medium, or High) into another range by
more than 50ppm.
• Low to Medium Threshold default = 1500ppm = 0x05DC
• Medium to High Threshold default = 2500ppm = 0x09C4
BASELINE Register (0x11)
A two byte read/write register which contains an encoded
version of the current baseline used in Algorithm Calculations.
A previously stored value may be written back to this two byte
register and the Algorithms will use the new value in its
calculations (until it adjusts it as part of its internal Automatic
Baseline Correction). For more information, refer to ams
application note AN000370: CCS811 Clean Air Baseline Save and
Restore.
HW_ID (Hardware identifier) Register (0x20)
Single byte read only register which holds the HW ID which is
0x81 for this family of CCS81x devices.
HW_Version (Hardware Version) Register
(0x21)
Single byte read only register which holds the Hardware Major
and Minor Hardware versions.
The top four bits read major hardware version 1 – identifying
the product as CCS811. The bottom four bits identify any build
variant. The default value is 0x1X.
Byte 0
Byte 1
Byte 2
Byte 3
Low to Medium Threshold
Medium to High Threshold
High Byte
Low Byte
High Byte
Low Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com