Electronic Components Datasheet Search
  English  ▼

X  

CCS811 Datasheet(PDF) 14 Page - ams AG

Part # CCS811
Description  Ultra-Low Power Digital Gas Sensor for Monitoring Indoor Air Quality
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CCS811 Datasheet(HTML) 14 Page - ams AG

Back Button CCS811 Datasheet HTML 10Page - ams AG CCS811 Datasheet HTML 11Page - ams AG CCS811 Datasheet HTML 12Page - ams AG CCS811 Datasheet HTML 13Page - ams AG CCS811 Datasheet HTML 14Page - ams AG CCS811 Datasheet HTML 15Page - ams AG CCS811 Datasheet HTML 16Page - ams AG CCS811 Datasheet HTML 17Page - ams AG CCS811 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-05] 2018-May-01
CCS811 − Application Register O ver view
All I²C transactions must use the (7 bits) slave address 0x5A or
0x5B depending on status of ADDR pin when writing to and
reading from the CCS811. Figure 11 shows the register map for
CCS811. Figure 22 shows the bootloader register map.
Figure 11:
CCS811 Application Register Map
Note(s):
1. The number of bytes read from a register must not exceed the size in this table.
2. For more information on CCS811 programming requirements please refer to ams application note AN000369.
Address
Register
R/W
Size
Description
0x00
STATUS
R
1 byte
Status register
0x01
MEAS_MODE
R/W
1 byte
Measurement mode and conditions register
0x02
ALG_RESULT_DATA
R
up to
8 bytes
Algorithm result. The most significant 2 bytes contain a
ppm estimate of the equivalent CO2 (eCO2) level, and
the next two bytes contain a ppb estimate of the total
VOC level.
0x03
RAW_DATA
R
2 bytes
Raw ADC data values for resistance and current source
used.
0x05
ENV_DATA
W
4 bytes
Temperature and humidity data can be written to
enable compensation
0x10
THRESHOLDS
W
4 bytes
Thresholds for operation when interrupts are only
generated when eCO2 ppm crosses a threshold
0x11
BASELINE
R/W
2 bytes
The encoded current baseline value can be read. A
previously saved encoded baseline can be written.
0x20
HW_ID
R
1 byte
Hardware ID. The value is 0x81
0x21
HW Version
R
1 byte
Hardware Version. The value is 0x1X
0x23
FW_Boot_Version
R
2 bytes
Firmware Boot Version. The first 2 bytes contain the
firmware version number for the boot code.
0x24
FW_App_Version
R
2 bytes
Firmware Application Version. The first 2 bytes contain
the firmware version number for the application code
0xA0
Internal_State
R
1 byte
Internal Status register
0xE0
ERROR_ID
R
1 byte
Error ID. When the status register reports an error its
source is located in this register
0xFF
SW_RESET
W
4 bytes
If the correct 4 bytes (0x11 0xE5 0x72 0x8A) are written
to this register in a single sequence the device will reset
and return to BOOT mode.
Application Register Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com