Electronic Components Datasheet Search
  English  ▼

X  

CCS811 Datasheet(PDF) 24 Page - ams AG

Part # CCS811
Description  Ultra-Low Power Digital Gas Sensor for Monitoring Indoor Air Quality
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CCS811 Datasheet(HTML) 24 Page - ams AG

Back Button CCS811 Datasheet HTML 20Page - ams AG CCS811 Datasheet HTML 21Page - ams AG CCS811 Datasheet HTML 22Page - ams AG CCS811 Datasheet HTML 23Page - ams AG CCS811 Datasheet HTML 24Page - ams AG CCS811 Datasheet HTML 25Page - ams AG CCS811 Datasheet HTML 26Page - ams AG CCS811 Datasheet HTML 27Page - ams AG CCS811 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-05] 2018-May-01
CCS811 − Bootloader Register O ver view
Registers not detailed below are documented in the
Application Register Overview section.
APP_ERASE (Application Erase) Register (0xF1)
To prevent accidental APP_ERASE a sequence of four bytes must
be written to this register in a single I²C sequence: 0xE7, 0xA7,
0xE6, 0x09.
The APP_ERASE can take a variable amount of time. The status
register can be polled to determine when this function is
complete. The 6th bit (0x40) is initialised to 0 and set to a 1 on
completion of the APP_ERASE function. After an erase this bit
is only cleared by doing a reset or starting the application.
APP_DATA (Application Data) Register (0xF2)
Nine byte, write only register for sending small chunks of
application data which will be written in order to the CCS811
flash code.
APP_VERIFY (Application Verify) Register
(0xF3)
Single byte write only register which starts the application
verify process run by the bootloader to check for a complete
application code image. Command only needs to be called once
after a firmware download as the result is saved in a flash
location that gets checked during device initialisation.
The APP_VERIFY can take a variable amount of time. The status
register can be polled to determine when this function is
complete. The 5th bit (0x20) is initialised to 0 and set to a 1 on
completion of the APP_VERIFY function. After an APP_VERIFY
this bit is only cleared by doing a reset or starting the
application.
For details on downloading new application firmware please
refer to application note ams AN000371.
APP_START (Application Start) Register (0xF4)
To change the mode of the CCS811 from Boot mode to running
the application, a single byte write of 0xF4 is required.
The CCS811 interprets this as an address write to select the
‘APP_START’ register and starts running the loaded application
software if it is a valid version (Refer to the STATUS Register
(0x00)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com