Electronic Components Datasheet Search
  English  ▼

X  

ISL9205DIRZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL9205DIRZ
Description  Li-ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9205DIRZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL9205DIRZ Datasheet HTML 1Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 2Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 3Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 4Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ISL9205, ISL9205A, ISL9205B, ISL9205C, ISL9205D
FN9252 Rev 3.00
Page 5 of 17
September 30, 2016
ISL9205D Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1VIN
Input power source. Connect to a wall adapter.
2FAULT
An open-drain output indicating fault status. This pin is pulled to LOW under any fault
condition. When a fault condition occurs, the time counter will be reset. When the
charger is disabled, the FAULT pin outputs high impedance.
3STATUS
An open-drain output indicating charging and inhibit states. This pin is pulled LOW
when the charger is charging a battery. It will be turned into high impedance when
the charge current drops to IMIN. This high impedance state will be latched until a
recharge cycle or a new charge cycle starts. When the charger is disabled, the
STATUS pin outputs high impedance.
4TIME
Determines the oscillation period by connecting a timing capacitor between this pin
and GND. The oscillator also provides a time reference for the charger.
5GND
The connection to system ground.
6EN
Enable logic input. Connect the EN pin to LOW to disable the charger or leave it
floating to enable the charger. There is an internal 400kΩ pull-up resistor at this pin.
7
V2P8
A 2.8V reference voltage output. This pin provides a 2.8V voltage source when the
input voltage is above the POR threshold and outputs zero otherwise. The V2P8 pin
can be used as an indication for adapter presence.
8IREF
The charge current programming and monitoring pin. Connect a resistor between
this pin and GND to set the charge current during the Constant Current phase, as
given by Equation 4:
Where RIREF is in kΩ.
9TEMP
Input for an external NTC thermistor. The TEMP pin is also used for battery removal
detection.
10
VBAT
The connection to the battery. Typically a ceramic capacitor of minimum 1µF is
needed for stability when there is no battery attached. When a battery is attached,
only a 0.1µF ceramic capacitor is required.
IREF
80
RIREF
-----------------
A

=
(EQ. 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com