Electronic Components Datasheet Search
  English  ▼

X  

ISL9205DIRZ Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL9205DIRZ
Description  Li-ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9205DIRZ Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL9205DIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 12Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 13Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 14Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 15Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 16Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
ISL9205, ISL9205A, ISL9205B, ISL9205C, ISL9205D
FN9252 Rev 3.00
Page 16 of 17
September 30, 2016
Package Outline Drawing
L16.3x3B
16 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 1, 4/07
located within the zone indicated. The pin #1 indentifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
BOTTOM VIEW
SIDE VIEW
9
( 2. 80 TYP )
( 1. 70 )
(4X)
0.15
( 12X 0 . 5 )
( 16X 0 . 60)
( 16X 0 . 23 )
0 . 90 ± 0.1
INDEX AREA
PIN 1
6
A
3.00
B
12
4
4
5
8
16X 0.40 ± 0.10
5
0 . 2 REF
C
0 . 00 MIN.
0 . 05 MAX.
B
C
MA
0.10
C
- 0.05
BASE PLANE
0.10 C
SEE DETAIL "X"
C
0.08
SEATING PLANE
+ 0.07
16X 0.23
16
13
12X
1.5
4X
0.50
1
6
PIN #1 INDEX AREA
1 .70
+ 0.10
- 0.15
For the most recent package outline drawing, see L16.3x3B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com