Electronic Components Datasheet Search
  English  ▼

X  

ISL9205DIRZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL9205DIRZ
Description  Li-ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9205DIRZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL9205DIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 12Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 13Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 14Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 15Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 16Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ISL9205, ISL9205A, ISL9205B, ISL9205C, ISL9205D
FN9252 Rev 3.00
Page 13 of 17
September 30, 2016
Oscillator, TIMEOUT, and Charge Cycle
The ISL9205 family incorporates an oscillation circuit using an
external timing capacitor connected to the TIME pin. The
oscillator sets the limit for the maximum charge time during the
trickle mode and the fast mode (CC and CV). The maximum
charge time (TIMEOUT) for the fast mode is set by:
TIMEOUT = 222tOSC
where the tOSC is the oscillator period. The minimum
programmable tOSC is 20µs (CTIME = 100pF). The time limit for
the trickle charge is 1/8 of the fast mode time limit. In the
ISL9205 family, the timeout function can be disabled by pulling
the TOEN pin to logic LOW. When TIMEOUT is disabled, the
charger will never be turned off in Constant Current and Constant
Voltage modes. For the ISL9205B and the ISL9105D, the timeout
function is always enforced. For the ISL9105A, there is not
timeout function.
A charge cycle is the time interval between the time when the
charger is enabled to the moment it is disabled. If the battery
voltage is lower than the trickle charge threshold at the time the
charger is enabled, the charger enters the trickle mode and the
timer is reset and its limit is set to 1/8 of TIMEOUT. If the timeout
function is enabled, the charger will stop and indicate a TIMEOUT
fault if the charge time is longer than the limit. If the trickle
mode completes successfully before the time limit, the charger
moves to CC mode and the timer is reset and the time limit is set
to TIMEOUT. The charger needs to reach the EOC conditions
before the TIMEOUT interval elapses, otherwise, a TIMEOUT fault
will be issued. The charger indicates the EOC with the STATUS pin
but does not terminate charging.
Disabling TIMEOUT with TOEN
In the ISL9205 family, the timeout function in fast charge state
(CC/CV) can be disabled by pulling the TOEN pin to logic LOW.
The timeout function for the Trickle Charge mode can not be
disabled. Note that in the ISL9205A, there is no timeout function
for both the trickle and the CC/CV intervals, whereas in the
ISL9205 with TOEN set pulled to LOW, there is no timeout for the
CC/CV interval but the timeout function for the trickle interval is
still enforced.
Indications
The ISL9205 family has two open-drain status indication pins.
These two pins are FAULT and STATUS. These pins require an
external pull-up resistor to function properly. The V2P8 pin can be
used to indicate the presence of an AC adapter. When an adapter
pluses in, V2P8 is at 2.8V (logic Hi), otherwise V2P8 pin is at zero
voltage (logic Lo).
Charger Disable
The EN pin allows the user to disable the charger. When the
charger is disabled, all internal circuits are shut down and the
quiescent current at the input pin is less than a typical value of
150mA.
Remote Battery Voltage Sensing
In the ISL9205, ISL9205A, ISL9205B, and ISL9205C versions, a
kelvin sense pin is provided for battery terminal voltage
monitoring. Thus, the IR drop due to the connection leads and
PCB traces can be eliminated, resulting in a more accurate
battery voltage monitoring, especially when the battery is located
at a significant distance away from the ISL9205. If remote
sensing is not needed, the VSEN pin can be connected to VBAT at
the IC.
Applications Information
PCB Layout Guidance
The ISL9205 family uses thermally-enhanced QFN/DFN
packages that have an exposed thermal pad at the bottom side
of the package. The layout should connect as much as possible
to copper on the exposed pad. Typically, the component layer is
more effective in dissipating heat. The thermal impedance can
be further reduced by using other layers of copper connecting to
the exposed pad through a thermal via array. A minimum of four
such thermal vias are recommended. Each thermal via is
recommended to have 0.3mm diameter and 0.7mm distance
from other thermal vias.
Stability Consideration
The ISL9205 should behave like a current and thermal limited
linear regulator. The charger operation is stable with an output
ceramic decoupling capacitor in the range of 1µF to 200µF, with
or without a battery connected.
Input Bypass Capacitor
Due to the inductance of the power leads of the wall adapter or
USB source, the input capacitor type must be properly selected to
prevent high voltage transient during a hot-plug event. A
tantalum capacitor is a good choice for its high ESR, providing
damping to the voltage transient. Multi-layer ceramic capacitors,
however, have a very low ESR and hence, when chosen as input
capacitor, a 1Ω series resistor must be used to provide adequate
damping, as shown in the “Typical Applications” on page 6.
State Machine Diagram
The state machine diagram is shown in Figure 17. The diagram
starts with the Power-Off state. When the input voltage rises
above the POR threshold, the charger resets itself. Then, if the
charger is disabled, the charger stays in the Charger Disabled
state. If the charger is enabled, the trickle charge starts. At any
time, when entering the trickle charge state, the internal
TIMEOUT timer is reset. There are two paths to exit the trickle
charge, one is when the battery voltage rises above the
preconditioning charge threshold within the 1/8 TIMEOUT
interval, and the other is when the 1/8 TIMEOUT interval has
been elapsed before reaching the preconditioning charge voltage
threshold. When TIMEOUT fault occurs, the charger enters the
TIMEOUT fault state. There are only two ways to exit the TIMEOUT
fault state, by toggling the EN input or re-cycling the input power.
If the charger finishes the trickle charger before the 1/8
TIMEOUT limit, it moves to the fast charge state. When entering
the fast charge state, the TIMEOUT timer is reset as well. If the
charger hits EOC conditions before the TIMEOUT, the charger
enters Charge Compete state. The charger stays on, but the
STATUS indicates EOC condition. When VBAT drops below the
recharge threshold, the STATUS pin will turn to logic low to
indicate charging again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com