Electronic Components Datasheet Search
  English  ▼

X  

ISL9205DIRZ Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ISL9205DIRZ
Description  Li-ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9205DIRZ Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ISL9205DIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 12Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 13Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 14Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 15Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 16Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
ISL9205, ISL9205A, ISL9205B, ISL9205C, ISL9205D
FN9252 Rev 3.00
Page 17 of 17
September 30, 2016
Package Outline Drawing
L10.3x3
10 LEAD DUAL FLAT PACKAGE (DFN)
Rev 11, 3/15
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
The configuration of the pin #1 identifier is optional, but must be
Dimensions in ( ) for Reference Only.
Dimensioning and tolerancing conform to ASME Y14.5m-1994.
5.
either a mold or mark feature.
3.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
(4X)
0.10
INDEX AREA
PIN 1
PIN #1 INDEX AREA
C
SEATING PLANE
BASE PLANE
0.08
SEE DETAIL "X"
C
C
4
5
5
A
B
0.10 C
1
0.20
(10x 0.23)
(8x 0.50)
1.60
(10 x 0.55)
3.00
0.05
0.20 REF
10 x 0.23
10x 0.35
1.60
(4X)
0.10
AB
C
M
0.415
0.23
0.35
2
2.85 TYP
0.415
Tiebar shown (if present) is a non-functional feature and may be
located on any of the 4 sides (or ends).
For the most recent package outline drawing, see L10.3x3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com