Electronic Components Datasheet Search
  English  ▼

X  

ISL9205DIRZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL9205DIRZ
Description  Li-ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9205DIRZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL9205DIRZ Datasheet HTML 3Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 4Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL9205DIRZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ISL9205, ISL9205A, ISL9205B, ISL9205C, ISL9205D
FN9252 Rev 3.00
Page 7 of 17
September 30, 2016
Absolute Maximum Ratings
Thermal Information
Voltage Ratings for All Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . - 0.3V to 7V
Charge Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0A
ESD Rating
Human Body Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Supply Voltage (VIN Pin) . . . . . . . . . . . . . . . . . . . 4.25V to 6.5V
Programmed Charge Current . . . . . . . . . . . . . . . . . . . . 50mA to 900mA
Thermal Resistance
JA (°C/W) JC (°C/W)
3x3 DFN Package (Note 4) . . . . . . . . . . . . .
48
6
3x3 QFN Package (Note 5) . . . . . . . . . . . . .
54
6
Maximum Junction Temperature (Plastic Package). . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
The 150°C maximum junction temperature is for information purposes only. In reality, the current foldback feature will prevent the junction from rising above a worst case
temperature of 125°C.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech
Brief TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Typical values are tested at VIN = 5V and the ambient temperature at +25°C, unless otherwise noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER-ON RESET
Rising POR Threshold
VPOR
VBAT = 3.0V, use V2P8 pin to indicate the
comparator output.
3.2
3.6
3.9
V
Falling POR Threshold
VPOR
2.25
2.5
2.7
V
VIN-BAT OFFSET VOLTAGE
Rising Edge
VOS
VBAT = 4.2V, IBAT = 20mA, use STATUS pin to
indicate the comparator output (Note 6)
45
80
100
mV
STANDBY CURRENT
BAT Pin Sink Current
ISTANDBY Charger disabled or the input is floating
-
-
3.3
µA
VIN Pin Supply Current
IVIN
Charger disabled
-
150
250
µA
VIN Pin Supply Current
IVIN
Charger enabled
-
1.0
-
mA
VOLTAGE REGULATION
Output Voltage (Except ISL9205C)
VCH
Tested at 50mA load, 5V input, and +25°C
4.185
4.20
4.215
V
VCH
-40°C < TA < +85°C, 4.3V < VIN < 6.5V
4.175
4.20
4.225
V
Output Voltage (ISL9205C)
VCH
Tested at 50mA load, 5V input, and +25°C
4.241
4.256
4.271
V
VCH
-40°C < TA < +85°C, 4.3V < VIN < 6.5V
4.231
4.256
4.281
V
PMOS ON-Resistance
rDS(ON)
VBAT = 4.0V, charge current = 0.35A
-
500
-
µΩ
CHARGE CURRENT (Note 7)
Constant Charge Current
ICC
RIREF = 100kΩ, VBAT = 3.0V to 4.0V
760
800
840
mA
Trickle Charge Current
ITRK
RIREF = 100kΩ, VBAT = 0V to 2.5V
64
80
96
mA
End-of-Charge Current
IMIN
RIMIN = 100kΩ (ISL9205)
70
80
90
mA
End-of-Charge Current
IMIN
RIREF = 100kΩ (ISL9205A, ISL9205B, ISL9205C
and ISL9205D)
70
80
90
mA
V2P8 PIN OUTPUT
V2P8 Pin Output Voltage
VV2P8
Load current less than 1mA
2.8
2.9
3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com