Electronic Components Datasheet Search
  English  ▼

X  

TLE6210 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE6210
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6210 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE6210 Datasheet HTML 1Page - Infineon Technologies AG TLE6210 Datasheet HTML 2Page - Infineon Technologies AG TLE6210 Datasheet HTML 3Page - Infineon Technologies AG TLE6210 Datasheet HTML 4Page - Infineon Technologies AG TLE6210 Datasheet HTML 5Page - Infineon Technologies AG TLE6210 Datasheet HTML 6Page - Infineon Technologies AG TLE6210 Datasheet HTML 7Page - Infineon Technologies AG TLE6210 Datasheet HTML 8Page - Infineon Technologies AG TLE6210 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
TLE 6210
TLE 6211
Electrical Characteristics
V1.2 Data Sheet
5
2002-08
3
Electrical Characteristics
3.1
Absolute Maximum Ratings
-40
°C £ Tj £ 150 °C
#
Parameter
Symbol
Limit Values Unit Conditions
min.
max.
M1
Supply Voltage
UZP
020
V
–
026.5
V
0 < tp £ 5 min.;
-40
°C £ 80 °C
035
V
0 < tp £ 200 ms;
f < 0.067 Hz;
n
£ 360 cycles
035
V
0 < tp £ 50 ms;
0 < fp £ 1 Hz;
n
£ 36000 cycles
-1.5
–
V
tp = 2 s
M2
Supply Voltage variation
d
UZP/dt
–
|10|
V/
ms–
M3
Output voltage at VR, MR
UVR, UMR
–
60
V
VR, MR-DMOS off
M4
Output voltage at SILA
USILA
–
42
V
SILA-DMOS off
M5
Output voltage at NSILA
UNSILA
–
42
V
NSILA-DMOS off
M6
Output voltage at
RES1, RES2
URES1
URES2
-0.5
7
V
–
M7
Output voltage at EN
UEN
-0.5
7
V
–
M8
Input Voltage at
WD1, WD2, MRA, SIA
UWD1, UWD2
UMRA, USIA
-0.5
7
V
–
M9
Voltage
UCP
UCP
-0.5
20
V
–
M10 Storage Temperature
Tstg
-55
150
°C
–
M11 Junction Temperature
Tj
-40
150
175
°C
°C
continuos
short term (< 50 h
over lifetime)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com