Electronic Components Datasheet Search
  English  ▼

X  

TLE6210 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE6210
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6210 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE6210 Datasheet HTML 15Page - Infineon Technologies AG TLE6210 Datasheet HTML 16Page - Infineon Technologies AG TLE6210 Datasheet HTML 17Page - Infineon Technologies AG TLE6210 Datasheet HTML 18Page - Infineon Technologies AG TLE6210 Datasheet HTML 19Page - Infineon Technologies AG TLE6210 Datasheet HTML 20Page - Infineon Technologies AG TLE6210 Datasheet HTML 21Page - Infineon Technologies AG TLE6210 Datasheet HTML 22Page - Infineon Technologies AG TLE6210 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
TLE 6210
TLE 6211
Block Description and Electrical Characteristics
V1.2 Data Sheet
19
2002-08
When the undervoltage condition at
UST or UZP is no longer detected a reset reaction
time of typical 52 ms (52 clock cycles) is started. After this time the reset signal is set
high.
Z: high impedance
* In the application the voltage is undefined as regulator is off
Table 1
Truth Table Overvoltage and Undervoltage Supervision
The table assumes that no other error is detected, especially no watchdog failure and no
clock failure.
Supply
voltage
UZP
Regulator
Voltage
UST
SILA
NSILA
MR
VR
EN
RES 1
RES 2
Regulator
ok
ok
= SIA = not SIA = not
MRA
LZ
H
ON
ok
under-
voltage
L
Z
ZZL
L
ON
normal
over-
voltage
L
Z
ZZL
H
ON
under-
voltage
under-
voltage
L
Z
ZZZ*
L
OFF
under-
voltage
ok
= SIA = not SIA not
MRA
LH
H
ON
over-
voltage
x
= L
Z
ZZZ*
L
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com