Electronic Components Datasheet Search
  English  ▼

X  

TLE6210 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE6210
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6210 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE6210 Datasheet HTML 19Page - Infineon Technologies AG TLE6210 Datasheet HTML 20Page - Infineon Technologies AG TLE6210 Datasheet HTML 21Page - Infineon Technologies AG TLE6210 Datasheet HTML 22Page - Infineon Technologies AG TLE6210 Datasheet HTML 23Page - Infineon Technologies AG TLE6210 Datasheet HTML 24Page - Infineon Technologies AG TLE6210 Datasheet HTML 25Page - Infineon Technologies AG TLE6210 Datasheet HTML 26Page - Infineon Technologies AG TLE6210 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
TLE 6210
TLE 6211
Block Description and Electrical Characteristics
V1.2 Data Sheet
23
2002-08
4.11
Watchdog
To supervise the operation of 2
m-processors watchdog logic for two input signals is
integrated. The logic expects at each WD1 and WD2 rectangular signals with 10 ms high
and 10 ms low time. Deviations from the expected time are counted as errors and
influence the output signals.
A digital filter suppresses noise or pulses below 3 clock cycles (typ. 3 ms).
The detection ciruit is described in Figure 12.
After power up and 1or 2 valid watchdog edges the WD logic enables the output Drivers.
Figure 5
Enable output EN after correct watchdog signals at WD1 and WD2
are present; WD1 and WD2 start with logic Low
Figure 6
Enable output EN after correct watchdog signals at WD1 and WD2
are present; WD1 and WD2 start with logic High
1
0
1
0
1
0
WD1
WD2
EN
12
10ms
3* t
CLK after the 2nd WD-edge (falling edge)
wd-start-up-with Low
AD 04/02
1
0
1
0
1
0
WD1
WD2
EN
12
3 * t
CLK after 1st. WD edge
10ms
wd-start-up-with High
AD 04/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com