Electronic Components Datasheet Search
  English  ▼

X  

TLE6210 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6210
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6210 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6210 Datasheet HTML 4Page - Infineon Technologies AG TLE6210 Datasheet HTML 5Page - Infineon Technologies AG TLE6210 Datasheet HTML 6Page - Infineon Technologies AG TLE6210 Datasheet HTML 7Page - Infineon Technologies AG TLE6210 Datasheet HTML 8Page - Infineon Technologies AG TLE6210 Datasheet HTML 9Page - Infineon Technologies AG TLE6210 Datasheet HTML 10Page - Infineon Technologies AG TLE6210 Datasheet HTML 11Page - Infineon Technologies AG TLE6210 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
TLE 6210
TLE 6211
Block Description and Electrical Characteristics
V1.2 Data Sheet
8
2002-08
4
Block Description and Electrical Characteristics
4.1
General
4.2
Oscillator
A 16 kHz oscillator is used as time base for the 1 kHz clock. An independent clock
supervision circuit supervises the oscillator. If the oscillator clock is missing the error flag
is set.
Characteristics
6 V
£ UZP £ 18 V, -40 °C £ Tj £ +150 °C, if not otherwise specified
#
Parameter
Sym-
bol
Limit Values
Unit Conditions
min.
typ.
max.
4.1.1 Power consumption
regulator
IUZP
–7
15
mA
UZP = 16 V,
IUST = 800 mA,
VR on, SILA on,
EN, RES1, RES2 = High
4.1.2 Overtemperature
protection threshold
Tab
150
–
–
°C
Tj > Tab
Characteristics Internal Oscillator
6 V
£ UZP £ 18 V, -40 °C £ Tj £ +150 °C, if not otherwise specified
#
Parameter
Sym-
bol
Limit Values
Unit Conditions
min.
typ.
max.
4.2.1 Frequency
fOSZ
14.4
13.6
16
–
17.6
18.4
kHz
kHZ
UZP ³ 6 V
4.7 V
£ UZP < 6 V
4.2.2 Clock supervision
tCLUE –
120
–
ms
error if
tLow or tHigh > tCLUE
4.2.3 Logic time base
tCLK
0.9
1
1.1
ms
Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com