Electronic Components Datasheet Search
  English  ▼

X  

TLE6210 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE6210
Description  ABS System IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6210 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE6210 Datasheet HTML 14Page - Infineon Technologies AG TLE6210 Datasheet HTML 15Page - Infineon Technologies AG TLE6210 Datasheet HTML 16Page - Infineon Technologies AG TLE6210 Datasheet HTML 17Page - Infineon Technologies AG TLE6210 Datasheet HTML 18Page - Infineon Technologies AG TLE6210 Datasheet HTML 19Page - Infineon Technologies AG TLE6210 Datasheet HTML 20Page - Infineon Technologies AG TLE6210 Datasheet HTML 21Page - Infineon Technologies AG TLE6210 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
TLE 6210
TLE 6211
Block Description and Electrical Characteristics
V1.2 Data Sheet
18
2002-08
Supervision
The TLE 6210 and TLE 6211 are equipped with a complex supervision logic. The input
voltage and the regulator output voltage is supervised. In addition two
m-controller are
supervised by independent watchdog circuits.
4.9
Overvoltage and Undervoltage
Both the supply voltage
UZP and the output voltage UST are supervised for over- and
undervoltage.
In case any undervoltage or overvoltage condition at
UST or UZP is detected, the reset
outputs RES1 and RES2 are switched to low state. RES1 and RES2 are not controlled
by the watchdog logic.
To supervise the output voltage
UST an independent bandgap from the reference
bandgap is used.
The reset outputs RES1 and RES2 are together controlled by the
UST reset logic and
the supply undervoltage lockout (UVLO) and overvoltage lockout (OVLO).
A logic High at the RES1 and RES2 indicates normal operation. The outputs are open
collector type outputs with integrated pull-up resistors to
UST. Even when the UST
voltage drops, the reset outputs RES1 and RES2 remain low (< 0.4 V).
Both undervoltage and overvoltage detection of
UST and UZP use a voltage hysteresis
to avoid any reset toggling.
Undervoltage and Overvoltage Detection
UST
The
UST output voltage has to be externally connected to the USTS sense input.
To be able to detect also wrong output voltages causes by a malfunction of the related
bandgap reference for supervision an independent bandgap is used.
As soon as any reset condition is detected the RES1 and RES2 go low.
4.9.1
Undervoltage Lockout (UVLO) and Overvoltage Lockout (OVLO)
The supply voltage
UZP is supervised as well. If the voltage rises above the upper
threshold value of 19.5 V reset is asserted. When an undervoltage occurs, after some
time the output voltage will drop below the reset threshold and a reset is asserted. The
undervoltage lockout is only valid during power up.
Both the OVLO and the UVLO threshold use a hysteresis to avoid reset glitches. In
addition the OVLO is digitally filtered. Overvoltage below 2 to 3 clock cycles (equals
typical 2 µs or 3 µs) are neglected to avoid resetting the system when any inductive load
is switched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com