Electronic Components Datasheet Search
  English  ▼

X  

TPIC1021 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC1021
Description  LIN Physical Interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC1021 Datasheet(HTML) 4 Page - Texas Instruments

  TPIC1021 Datasheet HTML 1Page - Texas Instruments TPIC1021 Datasheet HTML 2Page - Texas Instruments TPIC1021 Datasheet HTML 3Page - Texas Instruments TPIC1021 Datasheet HTML 4Page - Texas Instruments TPIC1021 Datasheet HTML 5Page - Texas Instruments TPIC1021 Datasheet HTML 6Page - Texas Instruments TPIC1021 Datasheet HTML 7Page - Texas Instruments TPIC1021 Datasheet HTML 8Page - Texas Instruments TPIC1021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.ti.com
Functional Block Diagram
RXD
TXD
NWake
INH
EN
LIN
GND
Driver
Slope Control
Receiver
Filter
Filter
2
1
8
3
4
7
6
5
VSUP
VSUP/2
Wake−Up
and
Vreg Control
Dominant
State
Timeout
Fault
Detection and
Protection
with
OPERATING STATES
Unpowered
System
Standby
Mode
Normal Mode
Low Power
Mode
A
C
A
B
EN = 1
EN = 1
EN = 0
A
LIN Bus Wake−UP
or
NWake Pin Wake−Up
VSUP < VSUP_under
TXD: off
RXD: LOW
IHN: HIGH (high
side switched on)
Term: 30 kW
TXD: on
RXD: LIN bus data
IHN: HIGH (high
side switched on)
Term: 30 kW
TXD: off
RXD: floating
IHN: high
impedance (high
side switched off)
Term: highW
A: VSUP < VSUP_under
B: VSUP > VSUP_unde, EN = 0
C:VSUP > VSUP_unde, EN = 1
TPIC1021
LIN Physical Interface
SLIS113 – OCTOBER 2004
Figure 1. Operating States Diagram
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com